Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 2Page - Analog Devices AD8021ARM Datasheet HTML 3Page - Analog Devices AD8021ARM Datasheet HTML 4Page - Analog Devices AD8021ARM Datasheet HTML 5Page - Analog Devices AD8021ARM Datasheet HTML 6Page - Analog Devices AD8021ARM Datasheet HTML 7Page - Analog Devices AD8021ARM Datasheet HTML 8Page - Analog Devices AD8021ARM Datasheet HTML 9Page - Analog Devices AD8021ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8021
Rev. F | Page 6 of 28
AD8021AR/AD8021ARM
Parameter
Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
Input Offset Voltage
0.4
1.0
mV
Input Offset Voltage Drift
TMIN to TMAX
0.8
μV/°C
Input Bias Current
+Input or −input
7.5
10.3
μA
Input Bias Current Drift
10
nA/°C
Input Offset Current
0.1
0.5
±μA
Open-Loop Gain
72
76
dB
INPUT CHARACTERISTICS
Input Resistance
10
MΩ
Common-Mode Input Capacitance
1
pF
Input Common-Mode Voltage Range
0.9 to 4.6
V
Common-Mode Rejection Ratio
1.5 V to 3.5 V
−84
−98
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
1.25 to 3.38
1.10 to 3.60
V
Linear Output Current
30
mA
Short-Circuit Current
50
mA
Capacitive Load Drive for 30% Overshoot
VO = 50 mV p-p/1 V p-p
10/120
pF
DISABLE CHARACTERISTICS
Off Isolation
f = 10 MHz
−40
dB
Turn-On Time
VO = 0 V to 1 V, 50% logic to 50% output
45
ns
Turn-Off Time
VO = 0 V to 1 V, 50% logic to 50% output
50
ns
DISABLE Voltage—Off/On
VDISABLE − VLOGIC REFERENCE
1.55/1.70
V
Enabled Leakage Current
LOGIC REFERENCE = 0.4 V
70
μA
DISABLE = 4.0 V
2
μA
Disabled Leakage Current
LOGIC REFERENCE = 0.4 V
30
μA
DISABLE = 0.4 V
33
μA
POWER SUPPLY
Operating Range
±2.25
±5
±12.0
V
Quiescent Current
Output enabled
6.7
7.5
mA
Output disabled
1.2
1.5
mA
+Power Supply Rejection Ratio
VCC = 4.5 V to 5.5 V, VEE = 0 V
−74
−82
dB
−Power Supply Rejection Ratio
VCC = 5 V, VEE = −0.5 V to +0.5 V
−76
−84
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com