Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 7Page - Analog Devices AD8021ARM Datasheet HTML 8Page - Analog Devices AD8021ARM Datasheet HTML 9Page - Analog Devices AD8021ARM Datasheet HTML 10Page - Analog Devices AD8021ARM Datasheet HTML 11Page - Analog Devices AD8021ARM Datasheet HTML 12Page - Analog Devices AD8021ARM Datasheet HTML 13Page - Analog Devices AD8021ARM Datasheet HTML 14Page - Analog Devices AD8021ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8021
Rev. F | Page 11 of 28
FREQUENCY (Hz)
1M
10M
100M
6.2
6.0
5.8
5.6
5.4
6.4
G = +2
VS = ±12V
VS = ±2.5V
VS = ±5V
Figure 17. 0.1 dB Flatness vs. Frequency and Supply, VOUT = 1 V p-p,
RL = 150 Ω, Noninverting (See Figure 49)
FREQUENCY (Hz)
0.1M
1M
–40
–60
–90
–110
–130
–20
–30
–50
–70
–80
–100
–120
10M
20M
THIRD
SECOND
RL = 100Ω
RL = 1kΩ
Figure 18. Second and Third Harmonic Distortion vs. Frequency and RL
FREQUENCY (Hz)
100k
1M
20M
–40
–60
–90
–110
–130
–30
–50
–70
–80
–100
–120
10M
THIRD
SECOND
SECOND
SECOND
THIRD
VS = ±2.5V
VS = ±5V
VS = ±12V
Figure 19. Second and Third Harmonic Distortion vs. Frequency and VS
FREQUENCY (MHz)
9.5
10.5
–40
–60
–90
–110
–30
–50
–70
–80
–100
–120
–20
9.7
10.3
10.0
Δf = 0.2MHz
f1
f2
976
Ω
53.6
Ω
50
Ω
POUT
Figure 20. Intermodulation Distortion vs. Frequency
FREQUENCY (MHz)
0
10
20
45
30
25
40
35
20
50
VS = ±5V
VS = ±2.5V
515
Figure 21. Third-Order Intercept vs. Frequency and Supply Voltage
1
–60
–90
–100
–70
–80
–120
–50
–110
THIRD
SECOND
SECOND
THIRD
VOUT (V p-p)
23
4
5
6
RL = 100Ω
RL = 1kΩ
Figure 22. Second and Third Harmonic Distortion vs. VOUT and RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com