Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 1 Page - Analog Devices

  AD8318 Datasheet HTML 1Page - Analog Devices AD8318 Datasheet HTML 2Page - Analog Devices AD8318 Datasheet HTML 3Page - Analog Devices AD8318 Datasheet HTML 4Page - Analog Devices AD8318 Datasheet HTML 5Page - Analog Devices AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 MHz to 8 GHz, 60 dB Logarithmic
Detector/Controller
AD8318
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bandwidth: 1 MHz to 8 GHz
High accuracy: ±1.0 dB over 55 dB range (f < 5.8 GHz)
Stability over temperature: ±0.5 dB
Low noise measurement/controller output (VOUT)
Pulse response time 10 ns/12 ns (fall/rise)
Integrated temperature sensor
Small footprint CSP package
Power-down feature: <1.5 mW at 5 V
Single-supply operation: 5 V @ 68 mA
Fabricated using high speed SiGe process
APPLICATIONS
RF transmitter PA setpoint control and level monitoring
RSSI measurement in base stations, WLAN, WiMAX, and radar
FUNCTIONAL BLOCK DIAGRAM
TEMP
SENSOR
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
IV
VSET
CLPF
TEMP
VPSI
ENBL
TADJ
VPSO
CMOP
CMIP
Figure 1.
GENERAL DESCRIPTION
The AD8318 is a demodulating logarithmic amplifier, capable of
accurately converting an RF input signal to a corresponding decibel-
scaled output voltage. It employs the progressive compression
technique over a cascaded amplifier chain, each stage of which is
equipped with a detector cell. The device is used in measurement or
controller mode. The AD8318 maintains accurate log conformance
for signals of 1 MHz to 6 GHz and provides useful operation to
8 GHz. The input range is typically 60 dB (re: 50 Ω) with error less
than ±1 dB. The AD8318 has a 10 ns response time that enables RF
burst detection to beyond 45 MHz. The device provides unprece-
dented logarithmic intercept stability vs. ambient temperature
conditions. A 2 mV/°C slope temperature sensor output is also
provided for additional system monitoring. A single supply of 5 V is
required. Current consumption is typically 68 mA. Power
consumption decreases to <1.5 mW when the device is disabled.
The AD8318 can be configured to provide a control voltage to a
VGA, such as a power amplifier or a measurement output, from
Pin VOUT. Because the output can be used for controller
applications, wideband noise is minimal.
In this mode, the setpoint control voltage is applied to VSET.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier output to a magni-
tude corresponding to VSET. The AD8318 provides 0 V to 4.9 V
output capability at the VOUT pin, suitable for controller
applications. As a measurement device, Pin VOUT is externally
connected to VSET to produce an output voltage, VOUT, which is
a decreasing linear-in-dB function of the RF input signal
amplitude.
The logarithmic slope is nominally −25 mV/dB, but can be
adjusted by scaling the feedback voltage from VOUT to the
VSET interface. The intercept is +20 dBm (re: 50 Ω, CW input)
using the INHI input. These parameters are very stable against
supply and temperature variations.
The AD8318 is fabricated on a SiGe bipolar IC process and is
available in a 4 mm × 4 mm, 16-lead LFCSP package, for the
operating temperature range of –40oC to +85oC.


Similar Part No. - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318 Datasheet
218Kb / 3P
Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
AD8318 AD-AD8318 Datasheet
247Kb / 5P
Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
REV. C
AD8318 AD-AD8318 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
More results

Similar Description - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
logo
Hittite Microwave Corpo...
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com