Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8318
Rev. A | Page 11 of 24
THEORY OF OPERATION
The AD8318 is a 9-stage demodulating logarithmic amplifier that
provides RF measurement and power amplifier control functions.
The design of the AD8318 is similar to the AD8313 logarithmic
detector/controller. However, the AD8318 input frequency range
extends to 8 GHz with 60 dB dynamic range. Other improvements
include: reduced intercept variability vs. temperature, increased
dynamic range at higher frequencies, low noise measurement and
controller output (VOUT), adjustable low-pass corner frequency
(CLPF), temperature sensor output (TEMP), negative transfer
function slope for higher accuracy, and 10 ns response time for RF
burst detection capability. A block diagram is shown in Figure 21.
TEMP
SENSOR
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
IV
VSET
CLPF
TEMP
VPSI
ENBL
TADJ
VPSO
CMOP
CMIP
Figure 21. Block Diagram
A fully differential design, using a proprietary high speed SiGe
process, extends high frequency performance. Input INHI receives
the signal with a low frequency impedance of nominally 1200 Ω in
parallel with 0.7 pF. The maximum input with ±1 dB log confor-
mance error is typically 0 dBm (re: 50 Ω). The noise spectral density
referred to the input is 1.15 nV/√Hz, which is equivalent to a voltage
of 118 μV rms in a 10.5 GHz bandwidth, or a noise power of
−66 dBm (re: 50 Ω). This noise spectral density sets the lower limit
of the dynamic range. However, the low end accuracy of the AD8318
is enhanced by specially shaping the demodulating transfer charac-
teristic to partially compensate for errors due to internal noise.
CMIP, the input system common pin, provides a quality low
impedance connection to the printed circuit board (PCB)
ground via four package pins. Ground the package paddle,
which is internally connected to the CMIP pin, to the PCB to
reduce thermal impedance from the die to the PCB.
The logarithmic function is approximated in a piecewise
fashion by nine cascaded gain stages. For a more complete
explanation of the logarithm approximation, refer to the
AD8307 data sheet, available at www.analog.com. The cells have
a nominal voltage gain of 8.7 dB each and a 3 dB bandwidth of
10.5 GHz.
Using precision biasing, the gain is stabilized over temperature
and supply variations. Since the cascaded gain stages are
dc-coupled, the overall dc gain is high. An offset compensation
loop is included to correct for offsets within the cascaded cells.
At the output of each of the gain stages, a square-law detector
cell rectifies the signal. The RF signal voltages are converted to a
fluctuating differential current with an average value that
increases with signal level. Along with the nine gain stages and
detector cells, an additional detector is included at the input of
the AD8318, altogether providing a 60 dB dynamic range. After
the detector currents are summed and filtered, the function
ID × log10(VIN/VINTERCEPT)
is formed at the summing node,
where:
ID is the internally set detector current.
VIN is the input signal voltage.
VINTERCEPT is the intercept voltage (that is, when VIN = VINTERCEPT,
the output voltage would be 0 V if capable of going to 0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com