Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 2 Page - Analog Devices

  AD8318 Datasheet HTML 1Page - Analog Devices AD8318 Datasheet HTML 2Page - Analog Devices AD8318 Datasheet HTML 3Page - Analog Devices AD8318 Datasheet HTML 4Page - Analog Devices AD8318 Datasheet HTML 5Page - Analog Devices AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8318
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features ...................................................................................................1
Applications............................................................................................1
Functional Block Diagram ...................................................................1
General Description ..............................................................................1
Revision History ....................................................................................2
Specifications..........................................................................................3
Absolute Maximum Ratings.................................................................6
ESD Caution.......................................................................................6
Pin Configuration and Function Descriptions..................................7
Typical Performance Characteristics ..................................................8
Theory of Operation .......................................................................... 11
Using the AD8318 .............................................................................. 12
Basic Connections .......................................................................... 12
Enable Interface .............................................................................. 12
Input Signal Coupling.................................................................... 12
Output Interface ............................................................................. 13
Setpoint Interface ........................................................................... 13
Temperature Compensation of Output Voltage..........................13
Temperature Sensor ........................................................................14
Measurement Mode ........................................................................14
Device Calibration and Error Calculation...................................15
Selecting Calibration Points to Improve Accuracy over a
Reduced Range ................................................................................16
Variation in Temperature Drift from Device to Device.............17
Temperature Drift at Different Temperatures .............................17
Setting the Output Slope in Measurement Mode .......................17
Response Time Capability .............................................................18
Output Filtering...............................................................................18
Controller Mode..............................................................................19
Characterization Setup and Methods...........................................21
Evaluation Board .................................................................................22
Outline Dimensions............................................................................24
Ordering Guide ...............................................................................24
REVISION HISTORY
1/06—Rev. 0 to Rev. A
Changed TADJ Resistor to RTADJ Resistor....................Universal
Changes to Applications .................................................................. 1
Changes to Table 1............................................................................ 3
Changes to Figure 5, Figure 6, and Figure 7 Captions................. 8
Changes to Figure 12 Caption......................................................... 9
Changes to Figure 15 Caption......................................................... 9
Changed General Description Heading to
Theory of Operation ...................................................................... 11
Changes to Enable Interface Section............................................ 12
Inserted Figure 24........................................................................... 12
Changes to Input Signal Coupling Section ................................. 12
Changes to Measurement Mode Section..................................... 14
Changes to Figure 36...................................................................... 17
Added Output Filtering Section ................................................... 19
Changes to Controller Mode Section........................................... 19
Changes to Response Time Capability Section .......................... 18
Changes to Table 6.......................................................................... 22
Changes to Figure 47, Figure 48, and Figure 49 ......................... 23
Updated Outline Dimensions ....................................................... 24
Changes to Ordering Guide .......................................................... 24
7/04—Rev. 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com