Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices AD8318 Datasheet HTML 22Page - Analog Devices AD8318 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8318
Rev. A | Page 19 of 24
In many log amp applications, it may be necessary to lower the
corner frequency of the postdemodulation filtering to achieve low
output ripple while maintaining a rapid response time to changes in
signal level. For an example of a 4-pole active filter, see the AD8307
data sheet.
CONTROLLER MODE
The AD8318 provides a controller mode feature at the VOUT pin.
Using VSET for the setpoint voltage, it is possible for the AD8318 to
control subsystems, such as power amplifiers (PAs), variable gain
amplifiers (VGAs), or variable voltage attenuators (VVAs) that have
output power that increases monotonically with respect to their gain
control signal.
To operate in controller mode, the link between VSET and VOUT is
broken. A setpoint voltage is applied to the VSET input; VOUT is
connected to the gain control terminal of the VGA and the detector
RF input is connected to the output of the VGA (usually using a
directional coupler and some additional attenuation). Based on the
defined relationship between VOUT and the RF input signal when the
device is in measurement mode, the AD8318 adjusts the voltage on
VOUT (VOUT is now an error amplifier output) until the level at
the RF input corresponds to the applied VSET.
When the AD8318 operates in controller mode, there is no defined
relationship between VSET and VOUT voltage; VOUT settles to a value
that results in the correct input signal level appearing at INHI/INLO.
In order for this output power control loop to be stable, a ground-
referenced capacitor is connected to the CLPF pin. This capacitor,
CFLT, integrates the error signal (in the form of a current) to set the
loop bandwidth and ensure loop stability. For further details on
control loop dynamics, refer to the AD8315 data sheet.
RFIN
VGA/VVA
GAIN
CONTROL
VOLTAGE
DIRECTIONAL
COUPLER
ATTENUATOR
INHI
VSET
INLO
CLPF
VOUT
AD8318
52.3
Ω
1nF
CFLT
1nF
DAC
Figure 41. AD8318 Controller Mode
Decreasing VSET, which corresponds to demanding a higher signal
from the VGA, tends to increase VOUT. The gain control voltage of
the VGA must have a positive sense. A positive control voltage to the
VGA increases the gain of the device.
The basic connections for operating the AD8318 as an analog
controller with the AD8367 are shown in Figure 42. The
AD8367 is a low frequency to 500 MHz VGA with 45 dB of
dynamic range. This configuration is very similar to the one
shown in Figure 41. For applications working at high input
frequencies, such as cellular bands or WLAN, or those
requiring large gain control ranges, the AD8318 can control the
ADL5330 10 MHz to 3 GHz RF VGA. For further details and an
application schematic, refer to the ADL5330 data sheet.
The voltage applied to the GAIN pin controls the gain of the
AD8367. This voltage, VGAIN, is scaled linear-in-dB with a slope
of 20 mV/dB and runs from 50 mV at −2.5 dB of gain, up to
1.0 V at +42.5 dB.
The incoming RF signal to the AD8367 has a varying amplitude
level. Receiving and demodulating it with the lowest possible
error requires that the signal levels be optimized for the highest
signal-to-noise ratio (SNR) feeding into the analog-to-digital
converters (ADC). This is done by using an automatic gain
control (AGC) loop. In Figure 42, the voltage output of the
AD8318 modifies the gain of the AD8367 until the incoming
RF signal produces an output voltage that is equal to the
setpoint voltage VSET.
+3V
INPT
VOUT
VPOS
GND
GAIN
AD8367
VGA
HPFL
RF INPUT SIGNAL
RF OUTPUT SIGNAL
+5V
VSET
CLPF
INHI
VPOS
GND
AD8318
VOUT
INLO
R1
1k
Ω
1nF
1nF
0.1
μF
CFLT
100pF
100MHz
BANDPASS
FILTER
174
Ω
R2
261
Ω
RHP
100
Ω
CHP
100pF
DAC
+VSET
SETPOINT
VOLTAGE
57.6
Ω
Figure 42. AD8318 Operating in Controller Mode to Provide Automatic Gain
Control Functionality in Combination with the AD8367
The AGC loop is capable of controlling signals over ~45 dB
dynamic range. The output of the AD8367 is designed to drive
loads ≥ 200 Ω. As a result, it is not necessary to use the 53.6 Ω
resistor at the input of the AD8318; the nominal input imped-
ance of 2 kΩ is sufficient.
If the AD8367 output drives a 50 Ω load, such as an oscilloscope
or spectrum analyzer, use a simple resistive divider network.
The divider used in Figure 42 has an insertion loss of 11.5 dB.
Figure 43 shows the transfer function of output power vs. VSET
voltage for a 100 MHz sine wave at −40 dBm into the AD8367.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com