Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8318
Rev. A | Page 12 of 24
USING THE AD8318
BASIC CONNECTIONS
The AD8318 is specified for operation up to 8 GHz. As a result, low
impedance supply pins with adequate isolation between functions
are essential. In the AD8318, VPSI and VPSO, the two positive
supply pins, must be connected to the same positive potential. The
VPSI pin biases the input circuitry, while VPSO biases the low noise
output driver for VOUT. Separate commons are also included in the
device. CMOP is used as the common for the output drivers. Pins
CMIP and CMOP should be connected to a low impedance ground
plane.
A power supply voltage of between 4.5 V and 5.5 V should be
applied to VPSO and VPSI. In addition, 100 pF and 0.1 μF power
supply decoupling capacitors connect close to each power supply
pin. The two adjacent VPSI pins can share a pair of decoupling
capacitors due to their proximity.
12
CMIP
11
CMIP
10
TADJ
9
VPSO
1
CMIP
2
CMIP
3
VPSI
4
VPSI
13
TEMP
8
CMOP
14
INHI
7
VSET
15
INLO
6
VOUT
16
ENBL
5
CLPF
AD8318
C7
100pF
C8
0.1
μF
VS
C1
1nF
C2
1nF
499
Ω
(SEE TEXT)
(SEE TEXT)
C6
100pF
C5
0.1
μF
VS
R1
52.3
Ω
TEMP
OUT
RF
INPUT
VS
VOUT
Figure 22. Basic Connections
The paddle of the AD8318 LFCSP package is internally connected to
CMIP. For optimum thermal and electrical performance, solder the
paddle to a low impedance ground plane.
ENABLE INTERFACE
To enable the AD8318, the ENBL pin must be pulled high. Taking
ENBL low puts the AD8318 in sleep mode, reducing current
consumption to 260 μA at ambient. The voltage on ENBL must be
greater than 2 VBE (~1.7 V) to enable the device. When enabled, the
ENBL pin draws less than 1 μA. When ENBL is pulled low, the pin
sources 15 μA.
The enable interface has high input impedance. An internal 200 Ω
resistor is placed in series with the ENBL input for added protection.
Figure 23 depicts a simplified schematic of the enable interface. The
response time of the AD8318 ENBL interface is shown in Figure 24.
ENBL
CMIP
VPSI
2
× V
BE
2
× V
BE
DISCHARGE
ENABLE
40k
Ω
200
Ω
40k
Ω
Figure 23. ENBL Interface
CH1 500mV
M400ns
A CH1
920mV
Δ: 2.07V
@: 2.07V
1
T
425.200ns
Figure 24
. ENBL Response Time; VPOS = 5.0 V;
Input AC-Coupling Caps = 18 pF; CLPF = Open
INPUT SIGNAL COUPLING
The RF input to the AD8318 (INHI) is single-ended and must
be ac-coupled. INLO (input common) should be ac-coupled to
ground (see Figure 22). Suggested coupling capacitors are 1 nF
ceramic 0402 style capacitors for input frequencies of 1 MHz to
8 GHz. The coupling capacitors should be mounted close to the
INHI and INLO pins. These capacitor values can be increased
to lower the input stage high-pass cutoff frequency. The high-
pass corner is set by the input coupling capacitors and the
internal 10 pF capacitor. The dc voltage on INHI and INLO is
approximately one diode voltage drop below the voltage applied
to the VPSI pin.
The Smith chart in Figure 15 shows the AD8318 input
impedance vs. frequency. Table 4 lists the reflection coefficient
and impedance at select frequencies. For Figure 15 and Table 4,
the 52.3 Ω input termination resistor is removed. At dc, the
resistance is typically 2 kΩ. At frequencies up to 1 GHz, the
impedance is approximated as 1000 Ω||0.7 pF. The RF input
pins are coupled to a network as shown in the simplified
schematic in Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com