Electronic Components Datasheet Search
  English  ▼

X  

LP87702-Q1 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 35Page - Texas Instruments LP87702-Q1 Datasheet HTML 36Page - Texas Instruments LP87702-Q1 Datasheet HTML 37Page - Texas Instruments LP87702-Q1 Datasheet HTML 38Page - Texas Instruments LP87702-Q1 Datasheet HTML 39Page - Texas Instruments LP87702-Q1 Datasheet HTML 40Page - Texas Instruments LP87702-Q1 Datasheet HTML 41Page - Texas Instruments LP87702-Q1 Datasheet HTML 42Page - Texas Instruments LP87702-Q1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
enabled. The fault threshold is 150 mV (typical) below the input voltage level for boost. Boost converter is
disabled if the output voltage is below the threshold level 1 ms after the boost converter is enabled.
In a similar way, the overload situation is protected during normal operation. If the feedback-pin voltage of the
buck converter falls below 0.35 V and remains below the threshold level for 1 ms, the buck converter is disabled.
If the output voltage of the boost converter decreases 150 mV below the input voltage level, the converter is
disabled after 1 ms. If the output voltage decreases to 2.5 V, the boost is disabled immediately.
The BUCKx_SC_INT and the BUCK_INT bits are set to 1, the BUCKx_STAT bit is set to 0, and the nINT
signal is pulled low in the buck converter, the short-circuit, and overload situations. The BOOST_SC_INT and
the BOOST_INT bits are set to 1, the BOOST_STAT bit is set to 0, and the nINT signal is pulled low in the
boost converter, short-circuit, and overload situations. The host processor clears the interrupt by writing 1 to
the BUCKx_SC_INT or BOOST_SC_INT bit. The converter makes a new start-up attempt upon clearing the
interrupt, if the converter is in the enabled state.
8.3.10.5.2 Overvoltage Protection
The LP87702-Q1 device monitors the input voltage from the VANA pin in the standby and active operation
modes. If the input voltage rises above the VANAOVP voltage level, all the converters are disabled
immediately (without switching ramp or shutdown delays), the pulldown resistors discharge the output voltages
(BUCKx_RDIS_EN = 1 and BOOST_RDIS_EN = 1), the GPOs are set to the logic low level, the nINT signal
is pulled low, the OVP_INT bit is set to 1, and BUCKx_STAT and BOOST_STAT bits are set to 0. The host
processor clears the interrupt by writing 1 to the OVP_INT bit. If the input voltage is above over-voltage
detection level, the interrupt is not cleared. The host can read the status of the overvoltage from the OVP_STAT
bit. Converters cannot be enabled as long as the input voltage is above over-voltage detection level or the
overvoltage interrupt is pending.
8.3.10.5.3 Thermal Shutdown
The LP87702-Q1 has an overtemperature protection function that operates to protect itself from short-term
misuse and overload conditions. The converters are disabled immediately (without switching ramp or shutdown
delays), the TDIE_SD_INT bit is set to 1, the nINT signal is pulled low, and the device enters STANDBY when
the junction temperature exceeds around 150°C. The nINT is cleared by writing 1 to the TDIE_SD_INT bit. If
the temperature is above thermal shutdown level, the interrupt is not cleared. The host can read the status
of the thermal shutdown from the TDIE_SD_STAT bit. Converters cannot be enabled as long as the junction
temperature is above the thermal shutdown level or the thermal shutdown interrupt is pending.
8.3.10.6 Protections Causing Device Power Down
8.3.10.6.1 Undervoltage Lockout
The buck and boost converters are disabled immediately (without switching ramp or without any shutdown
delays), and the output capacitor is discharged using the pulldown resistor, and the LP87702-Q1 device enters
SHUTDOWN when the input voltage falls below VANAUVLO at the VANA pin. The device powers up to STANDBY
state when the V(VANA) voltage is above the VANAUVLO threshold level.
If the reset interrupt is unmasked by default (RESET_REG_MASK = 0 in TOP_MASK_2 register), the
RESET_REG_INT interrupt in the INT_TOP_2 register indicates that the device has been in SHUTDOWN. The
host processor must clear the interrupt by writing 1 to the RESET_REG_INT bit. If the host processor reads the
RESET_REG_INT flag after detecting an nINT low signal, it detects that the input supply voltage has been below
the VANAUVLO level (or the host has requested reset with the RESET(SW_RESET) bit), and the registers are
reset to the default values.
8.3.11 OTP Error Correction
LP87702-Q1 supports the OTP bit error detection and 1-bit error correction per five registers. The ECC_STATUS
register bit SED is set if a single bit error was detected and corrected. DED bit is set in case two bit errors have
been detected in any bank of five registers.
8.3.12 Operation of GPO Signals
The LP87702-Q1 device supports up to 3 general purpose output (GPO) signals. The GPO1 signal is
multiplexed with the PG1 signal and GPO2 signal is multiplexed with the CLKIN and WD_DIS signals. The
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com