Electronic Components Datasheet Search
  English  ▼

X  

LP87702-Q1 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 23Page - Texas Instruments LP87702-Q1 Datasheet HTML 24Page - Texas Instruments LP87702-Q1 Datasheet HTML 25Page - Texas Instruments LP87702-Q1 Datasheet HTML 26Page - Texas Instruments LP87702-Q1 Datasheet HTML 27Page - Texas Instruments LP87702-Q1 Datasheet HTML 28Page - Texas Instruments LP87702-Q1 Datasheet HTML 29Page - Texas Instruments LP87702-Q1 Datasheet HTML 30Page - Texas Instruments LP87702-Q1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
be set to 10 or 11 to select restart after 2 or 4 WD expirations, respectively. The current status of the
reset counter is available in WD_RESET_CNTR_STATUS.1 The reset counter can be cleared by writing
WD_CLR_RESET_CNTR to 1.
• Watchdog can also be programmed to perform shutdown sequence and enter STOP mode after the
second WD expiration. In STOP mode converters are OFF. WD_RESET output pin is activated for
a period of (10 ms + maximum shutdown delay), in STOP mode WD_RESET is inactive. NRST,
power cycle, register reset SW_RESET, writing WD_CLR_SYSTEM_RESTART_FLAG = 1 or writing
WD_SYSTEM_RESTART_FLAG_MODE = 0 is required to recover. This WD operating mode is selected
by setting OTP bit WD_SYS_RESTART_FLAG_MODE = 1.
Watchdog settings in WD_CTRL_1 and WD_CTRL_2 registers are locked by setting the WD_LOCK bit.
WD_SYSTEM_RESTART_FLAG and WD_RESET_CNTR_STATUS can be cleared even if WD_LOCK = 1.1
Description above is for a case where ENx pin is used for controlling power sequence and ENx pin is active.
Watchdog behavior can be slightly different depending on the OTP settings and the ENx pin state, which follows:
• When the ENx pin is used for controlling the power sequence and the ENx pin is not active, the shutdown
sequence cannot be performed. WD_RESET pulse length is fixed 31 ms.
• There is no OTP defined power sequence when the ENx pins are not used for power sequence control, and
all converters and GPOs are enabled through the I2C. WD expiration does not cause a converter disable
or enable sequence even when the OTP settings for the watchdog enable restart. In this case WD_RESET
pulse is 11 ms.
1 WD_RESET_CNTR_STATUS is valid only when WD_RESET_CNTR_SEL is set to either 00 or 03.
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com