Electronic Components Datasheet Search
  English  ▼

X  

LP87702-Q1 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 96 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 91Page - Texas Instruments LP87702-Q1 Datasheet HTML 92Page - Texas Instruments LP87702-Q1 Datasheet HTML 93Page - Texas Instruments LP87702-Q1 Datasheet HTML 94Page - Texas Instruments LP87702-Q1 Datasheet HTML 95Page - Texas Instruments LP87702-Q1 Datasheet HTML 96Page - Texas Instruments LP87702-Q1 Datasheet HTML 97Page - Texas Instruments LP87702-Q1 Datasheet HTML 98Page - Texas Instruments LP87702-Q1 Datasheet HTML 99Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
C
32X
0.3
0.2
3.45 0.1
32X
0.5
0.3
0.9 MAX
(0.2) TYP
0.05
0.00
28X 0.5
2X
3.5
2X 3.5
(0.05)
0.1 MIN
A
5.1
4.9
B
5.1
4.9
VQFN - 0.9 mm max height
RHB0032N
PLASTIC QUAD FLATPACK - NO LEAD
4222893/B 02/2018
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
8
17
24
9
16
32
25
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
33
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SECTION A-A
TYPICAL
SCALE 3.000
A-A 30.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com