Electronic Components Datasheet Search
  English  ▼

X  

LP87702-Q1 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 56Page - Texas Instruments LP87702-Q1 Datasheet HTML 57Page - Texas Instruments LP87702-Q1 Datasheet HTML 58Page - Texas Instruments LP87702-Q1 Datasheet HTML 59Page - Texas Instruments LP87702-Q1 Datasheet HTML 60Page - Texas Instruments LP87702-Q1 Datasheet HTML 61Page - Texas Instruments LP87702-Q1 Datasheet HTML 62Page - Texas Instruments LP87702-Q1 Datasheet HTML 63Page - Texas Instruments LP87702-Q1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
8.6.1.1.23 PGOOD_LEVEL_3 Register (Offset = 16h) [reset = 0h]
PGOOD_LEVEL_3 is shown in Figure 8-41 and described in Table 8-33.
Return to Table 8-9.
Figure 8-41. PGOOD_LEVEL_3 Register
7
6
5
4
3
2
1
0
BOOST_WINDOW
BOOST_THRESHOLD
BUCK1_WINDOW
BUCK0_WINDOW
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-33. PGOOD_LEVEL_3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
BOOST_WINDOW
R/W
0h
Undervoltage or overvoltage threshold levels for Boost:
0x0 – ±2%
0x1 – ±4%
0x2 – ±6%
0x3 – ±8%
(Default from OTP memory)
5-4
BOOST_THRESHOLD
R/W
0h
(Default from OTP memory)
3-2
BUCK1_WINDOW
R/W
0h
Overvoltage and undervoltage threshold levels for Buck1:
0x0 – ±30 mV
0x1 – ±50 mV
0x2 – ±70 mV
0x3 – ±90 mV
(Default from OTP memory)
1-0
BUCK0_WINDOW
R/W
0h
Overvoltage and undervoltage threshold levels for Buck0:
0x0 – ±30 mV
0x1 – ±50 mV
0x2 – ±70 mV
0x3 – ±90 mV
(Default from OTP memory)
8.6.1.1.24 PG_CTRL Register (Offset = 17h) [reset = 2h]
PG_CTRL is shown in Figure 8-42 and described in Table 8-34.
Return to Table 8-9.
Figure 8-42. PG_CTRL Register
7
6
5
4
3
2
1
0
PG1_MODE
PGOOD_FAUL
T_GATES_PG1
RESERVED
PG1_POL
PG0_MODE
PGOOD_FAUL
T_GATES_PG0
PG0_OD
PG0_POL
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-1h
R/W-0h
Table 8-34. PG_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
PG1_MODE
R/W
0h
Operating mode for PG1 signal:
0 – Detecting unusual situations
1 – Showing when requested outputs are not valid.
(Default from OTP memory)
6
PGOOD_FAULT_GATES_
PG1
R/W
0h
Type of operation for PG1 signal:
0 – Indicates live status of monitored voltage outputs.
1 – Indicates status of PG1_FAULT register, inactive if at least one of
PG1_FAULT_x bit
is inactive.
(Default from OTP memory)
5
RESERVED
R/W
0h
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com