Electronic Components Datasheet Search
  English  ▼

X  

LP87702-Q1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 15Page - Texas Instruments LP87702-Q1 Datasheet HTML 16Page - Texas Instruments LP87702-Q1 Datasheet HTML 17Page - Texas Instruments LP87702-Q1 Datasheet HTML 18Page - Texas Instruments LP87702-Q1 Datasheet HTML 19Page - Texas Instruments LP87702-Q1 Datasheet HTML 20Page - Texas Instruments LP87702-Q1 Datasheet HTML 21Page - Texas Instruments LP87702-Q1 Datasheet HTML 22Page - Texas Instruments LP87702-Q1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
8.3.2 Boost Converter
The LP87702-Q1 device integrates a boost converter with programmable output voltage from 4.9 V to 5.2 V
in 0.1 V steps, and input voltage range from 2.8 V to 4 V (3 V to 4 V in P87702D). The boost converter has
flexibility to support wide range of application conditions:
• Forced PWM operation
• Optional external clock input to minimize crosstalk
• Optional spread spectrum technique to reduce EMI
• Synchronous rectification
• Current mode loop with PI compensator
• Soft start
• Programmable output voltage monitoring with maskable interrupt and selectable connection to PG0 and PG1
or both
The following parameters can be programmed through the registers, with default values set by the OTP bits
(unless otherwise noted):
• Output voltage level (BOOST_VSET)
• Switch current limit (BOOST_ILIM)
• Enable and disable delays when ENx pin control is used (BOOST_DELAY register)
• Output pulldown resistor enable or disable when boost is disabled (BOOST_RDIS_EN bit, discharge is
enabled by default)
• Output voltage monitoring enable or disable and monitoring window thresholds
The boost converter operates in forced PWM mode with fixed switching frequency across all load currents.
When boost is disabled, boost output is isolated from the input voltage rail.
Boost converter supports an alternative operating mode as a bypass or load switch, with input voltage range
from 4.5 V to 5.5 V. Operating mode is selected in OTP and is fixed; changing the mode on-the-fly is not
supported. Bypass mode is not supported in P87702D.
8.3.3 Spread-Spectrum Mode
Systems with periodic switching signals may generate a large amount of switching noise in a set of narrowband
frequencies (the switching frequency and its harmonics). The usual solution to reduce noise coupling is to
add EMI-filters and shields to the boards. The LP87702-Q1 device supports the spread-spectrum switching
frequency modulation mode that is register controlled. This mode minimizes the need for output filters, ferrite
beads, or chokes. The switching frequency varies between 0.85 × fSW and fSW in spread spectrum mode,
where fSW is switching the frequency selected in the OTP. Spread Spectrum Modulation shows how the spread
spectrum modulation reduces conducted and radiated emissions by the converter and associated passive
components and PCB traces. This feature is available only when internal RC oscillator is used (EN_PLL is 0 in
PLL_CTRL register) and it is enabled with the EN_SPREAD_SPEC bit in CONFIG register, and it affects both
buck converters and the boost converter.
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com