Electronic Components Datasheet Search
  English  ▼

X  

LP87702-Q1 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702-Q1
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702-Q1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP87702-Q1 Datasheet HTML 45Page - Texas Instruments LP87702-Q1 Datasheet HTML 46Page - Texas Instruments LP87702-Q1 Datasheet HTML 47Page - Texas Instruments LP87702-Q1 Datasheet HTML 48Page - Texas Instruments LP87702-Q1 Datasheet HTML 49Page - Texas Instruments LP87702-Q1 Datasheet HTML 50Page - Texas Instruments LP87702-Q1 Datasheet HTML 51Page - Texas Instruments LP87702-Q1 Datasheet HTML 52Page - Texas Instruments LP87702-Q1 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
8.6.1.1.5 BUCK1_CTRL_1 Register (Offset = 4h) [reset = 8h]
BUCK1_CTRL_1 is shown in Figure 8-23 and described in Table 8-15.
Return to Table 8-9.
Figure 8-23. BUCK1_CTRL_1 Register
7
6
5
4
3
2
1
0
RESERVED
BUCK1_FPWM BUCK1_RDIS_
EN
BUCK1_EN_PIN_CTRL
BUCK1_EN
R/W-0h
R/W-0h
R/W-1h
R/W-0h
R/W-0h
Table 8-15. BUCK1_CTRL_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
0h
4
BUCK1_FPWM
R/W
0h
Forces the BUCK1 converter to operate in PWM mode:
0 – Automatic transitions between PFM and PWM modes (AUTO
mode).
1 – Forced to PWM operation.
(Default from OTP memory)
3
BUCK1_RDIS_EN
R/W
1h
Enable output discharge resistor when BUCK1 is disabled:
0 – Discharge resistor disabled
1 – Discharge resistor enabled.
2-1
BUCK1_EN_PIN_CTRL
R/W
0h
Enable or disable control for BUCK1:
0x0 – only BUCK1_EN bit controls BUCK1
0x1 – BUCK1_EN bit AND EN1 pin control BUCK1
0x2 – BUCK1_EN bit AND EN2 pin control BUCK1
0x3 – BUCK1_EN bit AND EN3 pin control BUCK1
(Default from OTP memory)
0
BUCK1_EN
R/W
0h
Enable BUCK1 converter:
0 – BUCK1 converter is disabled
1 – BUCK1 converter is enabled.
(Default from OTP memory)
8.6.1.1.6 BUCK1_CTRL_2 Register (Offset = 5h) [reset = 1Ah]
BUCK1_CTRL_2 is shown in Figure 8-24 and described in Table 8-16.
Return to Table 8-9.
Figure 8-24. BUCK1_CTRL_2 Register
7
6
5
4
3
2
1
0
RESERVED
BUCK1_ILIM
BUCK1_SLEW_RATE
R/W-0h
R/W-3h
R/W-2h
Table 8-16. BUCK1_CTRL_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
0h
5-3
BUCK1_ILIM
R/W
3h
Sets the switch peak current limit of BUCK1. Can be programmed at
any time during operation:
0x0 – 1.5 A
0x1 – 2.0 A
0x2 – 2.5 A
0x3 – 3.0 A
0x4 – 3.5 A
0x5 – 4.0 A
0x6 – 4.5 A
0x7 – Reserved
(Default from OTP memory)
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com