Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 75Page - ATMEL Corporation ATTINY13 Datasheet HTML 76Page - ATMEL Corporation ATTINY13 Datasheet HTML 77Page - ATMEL Corporation ATTINY13 Datasheet HTML 78Page - ATMEL Corporation ATTINY13 Datasheet HTML 79Page - ATMEL Corporation ATTINY13 Datasheet HTML 80Page - ATMEL Corporation ATTINY13 Datasheet HTML 81Page - ATMEL Corporation ATTINY13 Datasheet HTML 82Page - ATMEL Corporation ATTINY13 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 177 page
background image
79
ATtiny13
2535G–AVR–01/07
Analog Comparator
Multiplexed Input
It is possible to select any of the ADC3..0 pins to replace the negative input to the Ana-
log Comparator. The ADC multiplexer is used to select this input, and consequently, the
ADC must be switched off to utilize this feature. If the Analog Comparator Multiplexer
Enable bit (ACME in ADCSRB) is set and the ADC is switched off (ADEN in ADCSRA is
zero), MUX1..0 in ADMUX select the input pin to replace the negative input to the Ana-
log Comparator, as shown in Table 35. If ACME is cleared or ADEN is set, AIN1 is
applied to the negative input to the Analog Comparator.
Digital Input Disable Register
0 – DIDR0
• Bits 1, 0 – AIN1D, AIN0D: AIN1, AIN0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the AIN1/0 pin is disabled.
The corresponding PIN Register bit will always read as zero when this bit is set. When
an analog signal is applied to the AIN1/0 pin and the digital input from this pin is not
needed, this bit should be written logic one to reduce power consumption in the digital
input buffer.
Table 35. Analog Comparator Multiplexed Input
ACME
ADEN
MUX1..0
Analog Comparator Negative Input
0x
xx
AIN1
11
xx
AIN1
10
00
ADC0
10
01
ADC1
10
10
ADC2
10
11
ADC3
Bit
7654
321
0
–
–
ADC0D
ADC2D
ADC3D
ADC1D
AIN1D
AIN0D
DIDR0
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com