Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 29Page - ATMEL Corporation ATTINY13 Datasheet HTML 30Page - ATMEL Corporation ATTINY13 Datasheet HTML 31Page - ATMEL Corporation ATTINY13 Datasheet HTML 32Page - ATMEL Corporation ATTINY13 Datasheet HTML 33Page - ATMEL Corporation ATTINY13 Datasheet HTML 34Page - ATMEL Corporation ATTINY13 Datasheet HTML 35Page - ATMEL Corporation ATTINY13 Datasheet HTML 36Page - ATMEL Corporation ATTINY13 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 177 page
background image
33
ATtiny13
2535G–AVR–01/07
External Reset
An External Reset is generated by a low level on the RESET pin if enabled. Reset
pulses longer than the minimum pulse width (see Table 12) will generate a reset, even if
the clock is not running. Shorter pulses are not guaranteed to generate a reset. When
the applied signal reaches the Reset Threshold Voltage – V
RST – on its positive edge,
the delay counter starts the MCU after the Time-out period – t
TOUT – has expired.
Figure 16. External Reset During Operation
Brown-out Detection
ATtiny13 has an On-chip Brown-out Detection (BOD) circuit for monitoring the V
CC level
during operation by comparing it to a fixed trigger level. The trigger level for the BOD
can be selected by the BODLEVEL Fuses. The trigger level has a hysteresis to ensure
spike free Brown-out Detection. The hysteresis on the detection level should be inter-
preted as V
BOT+ = VBOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Note:
1. V
BOT may be below nominal minimum operating voltage for some devices. For
devices where this is the case, the device is tested down to VCC = VBOT during the
production test. This guarantees that a Brown-out Reset will occur before VCC drops
to a voltage where correct operation of the microcontroller is no longer guaranteed.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT-
in Figure 17), the Brown-out Reset is immediately activated. When V
CC increases above
the trigger level (V
BOT+ in Figure 17), the delay counter starts the MCU after the Time-
out period t
TOUT has expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level
for longer than t
BOD given in Table 14.
CC
Table 13. BODLEVEL Fuse Coding(1)
BODLEVEL [1..0] Fuses
Min V
BOT
Typ V
BOT
Max V
BOT
Units
11
BOD Disabled
10
1.8
V
01
2.7
00
4.3
Table 14. Brown-out Characteristics
Symbol
Parameter
Min
Typ
Max
Units
V
HYST
Brown-out Detector Hysteresis
50
mV
tBOD
Min Pulse Width on Brown-out Reset
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com