Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 18Page - ATMEL Corporation ATTINY13 Datasheet HTML 19Page - ATMEL Corporation ATTINY13 Datasheet HTML 20Page - ATMEL Corporation ATTINY13 Datasheet HTML 21Page - ATMEL Corporation ATTINY13 Datasheet HTML 22Page - ATMEL Corporation ATTINY13 Datasheet HTML 23Page - ATMEL Corporation ATTINY13 Datasheet HTML 24Page - ATMEL Corporation ATTINY13 Datasheet HTML 25Page - ATMEL Corporation ATTINY13 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 177 page
background image
22
ATtiny13
2535G–AVR–01/07
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as
shown below. The clock from the selected source is input to the AVR clock generator,
and routed to the appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
The various choices for each clocking option is given in the following sections. When the
CPU wakes up from Power-down or Power-save, the selected clock source is used to
time the start-up, ensuring stable Oscillator operation before instruction execution starts.
When the CPU starts from reset, there is an additional delay allowing the power to reach
a stable level before commencing normal operation. The Watchdog Oscillator is used
for timing this real-time part of the start-up time. The number of WDT Oscillator cycles
used for each time-out is shown in Table 3.
Default Clock Source
The device is shipped with CKSEL = “10”, SUT = “10”, and CKDIV8 programmed. The
default clock source setting is therefore the Internal RC Oscillator running at 9.6 MHz
with longest start-up time and an initial system clock prescaling of 8. This default setting
ensures that all users can make their desired clock source setting using an In-System or
High-voltage Programmer.
Table 2. Device Clocking Options Select
(1)
Device Clocking Option
CKSEL1..0
Calibrated Internal RC Oscillator
01, 10
External Clock
00
128 kHz Internal Oscillator
11
Table 3. Number of Watchdog Oscillator Cycles
Typ Time-out
Number of Cycles
4 ms
512
64 ms
8K (8,192)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com