Electronic Components Datasheet Search
  English  ▼

X  

SA5230 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SA5230
Description  Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230 Datasheet(HTML) 5 Page - ON Semiconductor

  SA5230 Datasheet HTML 1Page - ON Semiconductor SA5230 Datasheet HTML 2Page - ON Semiconductor SA5230 Datasheet HTML 3Page - ON Semiconductor SA5230 Datasheet HTML 4Page - ON Semiconductor SA5230 Datasheet HTML 5Page - ON Semiconductor SA5230 Datasheet HTML 6Page - ON Semiconductor SA5230 Datasheet HTML 7Page - ON Semiconductor SA5230 Datasheet HTML 8Page - ON Semiconductor SA5230 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
5
DC AND AC ELECTRICAL CHARACTERISTIC Unless otherwise specified, ±0.9V ≤ Vs ≤ ±7.5 V or equivalent single supply,
RL = 10 kW, full input common−mode range, over full operating temperature range.
Characteristic
Unit
Max
Typ
Min
Bias
Test Conditions
Symbol
NE5230, SA5230, SE5230
Large−Signal Open−Loop Gain
AVOL
VS = ±7.5 V
RL = 10 kW; TA = 25°C
High
120
2000
V/mV
Low
60
750
TA = Tlow to Thigh
High
100
Low
50
Output Voltage Swing
VOUT
VS = ±0.9 V
TA = 25°C +SW
Any
750
800
mV
TA = 25°C −SW
Any
750
800
TA = Tlow to Thigh; +SW
Any
700
TA = Tlow to Thigh; −SW
Any
700
VS = ±7.5 V
TA = 25°C +SW
Any
7.30
7.35
V
TA = 25°C −SW
Any
−7.32
−7.35
TA = Tlow to Thigh; +SW
Any
7.25
7.30
TA = Tlow to Thigh; −SW
Any
−7.30
−7.35
Slew Rate
SR
TA = 25°C
High
0.25
V/ms
Low
0.09
V/ms
Inverting Unity Gain Bandwidth
BW
CL = 100 pF; TA = 25°C
High
0.6
MHz
Low
0.25
MHz
Phase Margin
qM
CL = 100 pF; TA = 25°C
Any
70
°
Settling Time
tS
CL = 100 pF, 0.1%
High
2.0
ms
Low
5.0
ms
Input Noise
VINN
RS = 0 W; f = 1.0 kHz
High
30
nV/√Hz
Low
60
nV/√Hz
Total Harmonic Distortion
THD
VS = ±7.5 V
AV = 1; VIN = 500 mV; f = 1.0 kHz
High
0.003
%
VS = ±0.9 V
AV = 1, VIN = 500 mV; f = 1.0 kHz
High
0.002
%
For NE5230 devices, Tlow = 0°C and Thigh = +70°C. For SA5230 devices, Tlow = −40°C and Thigh = +85°C.
For SE5230 devices, Tlow = −40°C and Thigh = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com