Electronic Components Datasheet Search
  English  ▼

X  

SA5230 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SA5230
Description  Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230 Datasheet(HTML) 4 Page - ON Semiconductor

  SA5230 Datasheet HTML 1Page - ON Semiconductor SA5230 Datasheet HTML 2Page - ON Semiconductor SA5230 Datasheet HTML 3Page - ON Semiconductor SA5230 Datasheet HTML 4Page - ON Semiconductor SA5230 Datasheet HTML 5Page - ON Semiconductor SA5230 Datasheet HTML 6Page - ON Semiconductor SA5230 Datasheet HTML 7Page - ON Semiconductor SA5230 Datasheet HTML 8Page - ON Semiconductor SA5230 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
4
DC AND AC ELECTRICAL CHARACTERISTIC Unless otherwise specified, ±0.9V ≤ Vs ≤ ±7.5 V or equivalent single supply,
RL = 10 kW, full input common−mode range, over full operating temperature range.
Characteristic
Unit
Max
Typ
Min
Bias
Test Conditions
Symbol
SE5230
Offset Voltage
VOS
TA = 25°C
Any
0.4
3.0
mV
TA = Tlow to Thigh
Any
3.0
4.0
Drift
VOS
Any
2.0
5.0
mV/°C
Offset Current
IOS
TA = 25°C
High
3.0
50
nA
Low
3.0
30
TA = Tlow to Thigh
High
100
Low
60
Drift
IOS
High
0.5
1.4
nA/°C
Low
0.3
1.4
Bias Current
IB
TA = 25°C
High
40
150
nA
Low
20
60
TA = Tlow to Thigh
High
300
Low
300
Drift
IB
High
2.0
4.0
nA/°C
Low
2.0
4.0
Supply Current
IS
VS = ±0.9 V
TA = 25°C
Low
110
160
mA
High
600
750
TA = Tlow to Thigh
Low
275
High
850
VS = ±7.5 V
TA = 25°C
Low
320
550
mA
High
1100
1600
TA = Tlow to Thigh
Low
600
High
1700
Common−Mode Input Range
VCM
VOS ≤ 6 mV, TA = 25°C
Any
V− − 0.25
V+ + 0.25
V
VOS ≤ 20 mV, TA = Tlow to Thigh
Any
V−
V+
Common−Mode Rejection Ratio
CMRR
VS = ±7.5 V
RS = 10 kW; VCM = ±7.5 V;
TA = 25°C
Any
85
95
dB
RS = 10 kW; VCM = ±7.5 V;
TA = Tlow to Thigh
Any
80
Power Supply Rejection Ratio
PSRR
TA = 25°C
High
90
105
dB
Low
85
95
TA = Tlow to Thigh
High
75
Low
80
Load Current
Source
IL
VS = ±0.9 V; TA = 25°C
High
4.0
6
mA
Sink
VS = ±0.9 V; TA = 25°C
High
5.0
7
Source
VS = ±7.5 V; TA = 25°C
High
16
Sink
VS = ±7.5 V; TA = 25°C
High
32
Source
VS = ±0.9 V; TA = Tlow to Thigh
Any
1.0
5
Sink
VS = ±0.9 V; TA = Tlow to Thigh
Any
2.0
6
Source
VS = ±7.5 V; TA = Tlow to Thigh
Any
4.0
10
Sink
VS = ±7.5 V; TA = Tlow to Thigh
Any
5.0
15
For SE5230 devices, Tlow = −40°C and Thigh = +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com