Electronic Components Datasheet Search
  English  ▼

X  

SA5230 Datasheet(PDF) 9 Page - ON Semiconductor

Part # SA5230
Description  Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button SA5230 Datasheet HTML 5Page - ON Semiconductor SA5230 Datasheet HTML 6Page - ON Semiconductor SA5230 Datasheet HTML 7Page - ON Semiconductor SA5230 Datasheet HTML 8Page - ON Semiconductor SA5230 Datasheet HTML 9Page - ON Semiconductor SA5230 Datasheet HTML 10Page - ON Semiconductor SA5230 Datasheet HTML 11Page - ON Semiconductor SA5230 Datasheet HTML 12Page - ON Semiconductor SA5230 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
9
The full output power bandwidth range for VCC equals
2.0 V, is above 40 kHz for the maximum bias current setting
and greater than 10 kHz at the minimum bias current setting.
If extremely low signal distortion (<0.05%) is required at
low supply voltages, exclude the common−mode crossover
point (VB1) from the common−mode signal range. This can
be accomplished by proper bias selection or by using an
inverting amplifier configuration.
Most single supply designs necessitate that the inputs to
the op amp be biased between VCC and ground. This is to
assure that the input signal swing is within the working
common−mode range of the amplifier. This leads to another
helpful and unique property of the NE5230 that other CMOS
and bipolar low voltage parts cannot achieve. It is the simple
fact that the input common−mode voltage can go beyond
either the positive or negative supply voltages. This benefit
is made very clear in a non−inverting voltage−follower
configuration. This is shown in Figure 5 where the input sine
wave allows an undistorted output sine wave which will
swing less than 100 mV of either supply voltage. Many
competitive parts will show severe clipping caused by input
common−mode limitations. The NE5230 in this
configuration offers more freedom for quiescent biasing of
the inputs close to the positive supply rail where similar op
amps would not allow signal processing.
There are not as many considerations when designing
with the NE5230 as with other devices. Since the NE5230
is internally−compensated and has a unity gain−bandwidth
of 600 kHz, board layout is not so stringent as for very high
frequency devices such as the NE5205. The output
capability of the NE5230 allows it to drive relatively high
capacitive loads and small resistive loads. The power supply
pins should be decoupled with a low−pass RC network as
close to the supply pins as possible to eliminate 60 Hz and
other external power line noise, although the power supply
rejection ratio (PSRR) for the part is very high. The pinout
for the NE5230 is the same as the standard single op amp
pinout with the exception of the bias current adjusting pin.
V+
V−
+
−
NE5230
OTHER
PARTS
V+
V−
V+
V−
V+
V−
Figure 5. In a non−inverting voltage−follower configuration, the NE5230 will give full rail−to−rail swing.
Other low voltage amplifiers will not because they are limited by their input common−mode
range and output swing capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com