Electronic Components Datasheet Search
  English  ▼

X  

SA5230 Datasheet(PDF) 14 Page - ON Semiconductor

Part # SA5230
Description  Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button SA5230 Datasheet HTML 10Page - ON Semiconductor SA5230 Datasheet HTML 11Page - ON Semiconductor SA5230 Datasheet HTML 12Page - ON Semiconductor SA5230 Datasheet HTML 13Page - ON Semiconductor SA5230 Datasheet HTML 14Page - ON Semiconductor SA5230 Datasheet HTML 15Page - ON Semiconductor SA5230 Datasheet HTML 16Page - ON Semiconductor SA5230 Datasheet HTML 17Page - ON Semiconductor SA5230 Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
14
By adding another NE5230 in an inverting summer
configuration at the output of the half−wave rectifier, a
full−wave can be realized. The values for the input and
feedback resistors must be chosen so that each peak will
have equal amplitudes. A table for calculating values is
included in Figure 12. The summing network combines the
input signal at the half−wave and adds it to double the
half−wave’s output, resulting in the full−wave. The output
waveform can be referenced to the supply or ground,
depending on the half−wave configuration. Again, no
diodes are needed to achieve the rectification.
This circuit could be used in conjunction with the remote
transducer to convert a received AC output signal into a DC
level at the full−wave output for meters or chart recorders
that need DC levels.
HALF-WAVE
a
b
+VIN
−VIN
a
b
+VIN
−VIN
ab
+VIN
+VB
FULL-WAVE
2a
−2VIN
0
VEE
VEE
VCC
+VB
R1
3
2
4
5
6
7
R2
R3
R5
R4
2
3
4
5
6
7
+
−
+
−
A1
A2
INPUT
HALF-WAVE
OUTPUT
FULL-WAVE
OUTPUT
500mV
500mV
500mV
520ms
NOTES:
R2 = 2 R1
R4 = R5 = R3
+VB will vary output reference.
For single supply operation VEE
can be grounded on A2.
Figure 12. Adding an Inverting Summer to the Input and Output of the Half−Wave will Result in Full−Wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com