Electronic Components Datasheet Search
  English  ▼

X  

SA5230 Datasheet(PDF) 6 Page - ON Semiconductor

Part # SA5230
Description  Low Voltage Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5230 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SA5230 Datasheet HTML 2Page - ON Semiconductor SA5230 Datasheet HTML 3Page - ON Semiconductor SA5230 Datasheet HTML 4Page - ON Semiconductor SA5230 Datasheet HTML 5Page - ON Semiconductor SA5230 Datasheet HTML 6Page - ON Semiconductor SA5230 Datasheet HTML 7Page - ON Semiconductor SA5230 Datasheet HTML 8Page - ON Semiconductor SA5230 Datasheet HTML 9Page - ON Semiconductor SA5230 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NE5230, SA5230, SE5230
http://onsemi.com
6
THEORY OF OPERATION
Input Stage
Operational amplifiers which are able to function at
minimum supply voltages should have input and output
stage swings capable of reaching both supply voltages
within a few millivolts in order to achieve ease of quiescent
biasing and to have maximum input/output signal handling
capability. The input stage of the NE5230 has a
common−mode voltage range that not only includes the
entire supply voltage range, but also allows either supply to
be exceeded by 250 mV without increasing the input offset
voltage by more than 6.0 mV. This is unequalled by any
other operational amplifier today.
In order to accomplish the feat of rail−to−rail input
common−mode range, two emitter−coupled differential
pairs are placed in parallel so that the common−mode
voltage of one can reach the positive supply rail and the other
can reach the negative supply rail. The simplified schematic
of Figure 1 shows how the complementary emitter−coupler
transistors are configured to form the basic input stage cell.
Common−mode input signal voltages in the range from
0.8 V above VEE to VCC are handled completely by the NPN
pair, Q3 and Q4, while common−mode input signal voltages
in the range of VEE to 0.8 V above VEE are processed only
by the PNP pair, Q1 and Q2. The intermediate range of input
voltages requires that both the NPN and PNP pairs are
operating. The collector currents of the input transistors are
summed by the current combiner circuit composed of
transistors Q8 through Q11 into one output current.
Transistor Q8 is connected as a diode to ensure that the
outputs of Q2 and Q4 are properly subtracted from those of
Q1 and Q3.
The input stage was designed to overcome two important
problems for rail−to−rail capability. As the common−mode
voltage moves from the range where only the NPN pair was
operating to where both of the input pairs were operating, the
effective transconductance would change by a factor of two.
Frequency compensation for the ranges where one input pair
was operating would, of course, not be optimal for the range
where both pairs were operating. Secondly, fast changes in
the common−mode voltage would abruptly saturate and
restore the emitter current sources, causing transient
distortion. These problems were overcome by assuring that
only the input transistor pair which is able to function
properly is active. The NPN pair is normally activated by the
current source IB1 through Q5 and the current mirror Q6 and
Q7, assuming the PNP pair is non−conducting. When the
common−mode input voltage passes below the reference
voltage, VB1 − 0.8 V at the base of Q5, the emitter current is
gradually steered toward the PNP pair, away from the NPN
pair. The transfer of the emitter currents between the
complementary input pairs occurs in a voltage range of
about 120 mV around the reference voltage VB1. In this way
the sum of the emitter currents for each of the NPN and PNP
transistor pairs is kept constant; this ensures that the
transconductance of the parallel combination will be
constant, since the transconductance of bipolar transistors is
proportional to their emitter currents.
An essential requirement of this kind of input stage is to
minimize the changes in input offset voltage between that of
the NPN and PNP transistor pair which occurs when the
input common−mode voltage crosses the internal reference
voltage, VB1. Careful circuit layout with a cross−coupled
quad for each input pair has yielded a typical input offset
voltage of less than 0.3 mV and a change in the input offset
voltage of less than 0.1 mV.
V
V
R10
R11
R8
R9
Q3
Q1
Q2
Q4
Q10
Q11
Q5
Q6
Q7
Q8
Q9
VEE
VCC
IOUT
Vb2
+
+V
b1
VIN−
VIN+
Ib1
Figure 1. Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com