Electronic Components Datasheet Search
  English  ▼

X  

AT89C51AC2 Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT89C51AC2
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC2 Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT89C51AC2 Datasheet HTML 91Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 92Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 93Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 94Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 95Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 96Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 97Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 98Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 121 page
background image
95
A/T89C51AC2
4127G–8051–05/06
Registers
Table 70. IEN0 Register
IEN0 (S:A8h)
Interrupt Enable Register
Reset Value = 0000 0000b
bit addressable
76
54
32
1
0
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
Bit
Number
Bit
Mnemonic
Description
7EA
Enable All Interrupt bit
Clear to disable all interrupts.
Set to enable all interrupts.
If EA=1, each interrupt source is individually enabled or disabled by setting or
clearing its interrupt enable bit.
6EC
PCA Interrupt Enable
Clear to disable the PCA interrupt.
Set to enable the PCA interrupt.
5ET2
Timer 2 Overflow Interrupt Enable bit
Clear to disable Timer 2 overflow interrupt.
Set to enable Timer 2 overflow interrupt.
4ES
Serial Port Enable bit
Clear to disable serial port interrupt.
Set to enable serial port interrupt.
3ET1
Timer 1 Overflow Interrupt Enable bit
Clear to disable timer 1 overflow interrupt.
Set to enable timer 1 overflow interrupt.
2EX1
External Interrupt 1 Enable bit
Clear to disable external interrupt 1.
Set to enable external interrupt 1.
1ET0
Timer 0 Overflow Interrupt Enable bit
Clear to disable timer 0 overflow interrupt.
Set to enable timer 0 overflow interrupt.
0EX0
External Interrupt 0 Enable bit
Clear to disable external interrupt 0.
Set to enable external interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com