Electronic Components Datasheet Search
  English  ▼

X  

AT89C51AC2 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT89C51AC2
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC2 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT89C51AC2 Datasheet HTML 29Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 30Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 31Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 32Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 33Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 34Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 35Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 36Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 121 page
background image
33
A/T89C51AC2
4127G–8051–05/06
Program/Code
Memory
The A/T89C51AC2 implement 32 KB of on-chip program/code memory. Figure 17
shows the partitioning of internal and external program/code memory spaces depending
on the product.
The Flash memory increases EPROM and ROM functionality by in-circuit electrical era-
sure and programming. Thanks to the internal charge pump, the high voltage needed for
programming or erasing Flash cells is generated on-chip using the standard VDD volt-
age. Thus, the Flash Memory can be programmed using only one voltage and allows In-
System-Programming commonly known as ISP. Hardware programming mode is also
available using specific programming tool.
Figure 17. Program/Code Memory Organization
Notes:
1. If the program executes exclusively from on-chip code memory (not from external
memory), beware of executing code from the upper byte of on-chip memory (7FFFh)
and thereby disrupt I/O Ports 0 and 2 due to external prefetch. Fetching code con-
stant from this location does not affect Ports 0 and 2.
2. Default factory programmed parts come with maximum hardware protection. Execu-
tion from external memory is not possible unless the Hardware Security Byte is
reprogrammed. See Table 26.
0000h
32 KB
7FFFh
internal
0000h
7FFFh
FFFFh
8000h
Flash
32 KB
external
memory
32 KB
external
memory
EA = 0
EA = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com