Electronic Components Datasheet Search
  English  ▼

X  

AT89C51AC2 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT89C51AC2
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC2 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT89C51AC2 Datasheet HTML 93Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 94Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 95Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 96Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 97Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 98Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 99Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 100Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 121 page
background image
97
A/T89C51AC2
4127G–8051–05/06
Table 72. IPL0 Register
IPL0 (S:B8h)
Interrupt Enable Register
Reset Value = X000 0000b
bit addressable
76
54
32
1
0
-
PPC
PT2
PS
PT1
PX1
PT0
PX0
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
PPC
PCA Interrupt Priority bit
Refer to PPCH for priority level
5PT2
Timer 2 Overflow Interrupt Priority bit
Refer to PT2H for priority level.
4PS
Serial Port Priority bit
Refer to PSH for priority level.
3PT1
Timer 1 Overflow Interrupt Priority bit
Refer to PT1H for priority level.
2PX1
External Interrupt 1 Priority bit
Refer to PX1H for priority level.
1PT0
Timer 0 Overflow Interrupt Priority bit
Refer to PT0H for priority level.
0PX0
External Interrupt 0 Priority bit
Refer to PX0H for priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com