Electronic Components Datasheet Search
  English  ▼

X  

AT89C51AC2 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT89C51AC2
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC2 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT89C51AC2 Datasheet HTML 43Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 44Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 45Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 46Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 47Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 48Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 49Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 50Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
47
A/T89C51AC2
4127G–8051–05/06
In-System
Programming (ISP)
With the implementation of the User Space (FM0) and the Boot Space (FM1) in Flash
technology the A/T89C51AC2 allows the system engineer the development of applica-
tions with a very high level of flexibility. This flexibility is based on the possibility to alter
the customer program at any stages of a product’s life:
•
Before mounting the chip on the PCB, FM0 Flash can be programmed with the
application code. FM1 is always preprogrammed by Atmel with a bootloader (UART
bootloader).(1)
•
Once the chip is mounted on the PCB, it can be programmed by serial mode via the
UART.
Note:
1. The user can also program his own bootloader in FM1.
This In-System-Programming (ISP) allows code modification over the total lifetime of the
product.
Besides the default Boot loader Atmel provide to the customer also all the needed Appli-
cation-Programming-Interfaces (API) which are needed for the ISP. The API are located
also in the Boot memory.
This allow the customer to have a full use of the 32 KB user memory.
Flash Programming and
Erasure
There are three methods of programming the Flash memory:
•
The Atmel bootloader located in FM1 is activated by the application. Low level API
routines (located in FM1) will be used to program FM0. The interface used for serial
downloading to FM0 is the UART. API can be called also by the user’s bootloader
located in FM0 at [SBV]00h.
•
A further method exists in activating the Atmel boot loader by hardware activation.
See Section “Hardware Security Byte”.
•
The FM0 can be programmed also by the parallel mode using a programmer.
Figure 25. Flash Memory Mapping
F800h
7FFFh
32 KB
Flash memory
2 KB IAP
bootloader
FM0
FM1
Custom
Boot Loader
[SBV]00h
FFFFh
FM1 mapped between F800h and FFFFh
when API called
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com