Electronic Components Datasheet Search
  English  ▼

X  

AT89C51AC2 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89C51AC2
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC2 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89C51AC2 Datasheet HTML 24Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 25Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 26Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 27Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 28Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 29Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 30Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 31Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 121 page
background image
28
A/T89C51AC2
4127G–8051–05/06
Registers
Table 18. PSW Register
PSW (S:D0h)
Program Status Word Register
Reset Value = 0000 0000b
Table 19. AUXR Register
AUXR (S:8Eh)
Auxiliary Register
76
54
32
1
0
CY
AC
F0
RS1
RS0
OV
F1
P
Bit
Number
Bit
Mnemonic
Description
7CY
Carry Flag
Carry out from bit 1 of ALU operands.
6AC
Auxiliary Carry Flag
Carry out from bit 1 of addition operands.
5F0
User Definable Flag 0.
4-3
RS1:0
Register Bank Select Bits
Refer to Table 16 for bits description.
2OV
Overflow Flag
Overflow set by arithmetic operations.
1F1
User Definable Flag 1
0P
Parity Bit
Set when ACC contains an odd number of 1’s.
Cleared when ACC contains an even number of 1’s.
76
54
32
1
0
-
-
M0
-
XRS1
XRS0
EXTRAM
A0
Bit
Number
Bit
Mnemonic
Description
7-6
-
Reserved
The value read from these bits are indeterminate. Do not set this bit.
5M0
Stretch MOVX control:
the RD/ and the WR/ pulse length is increased according to the value of M0.
M0 Pulse length in clock period
0
6
1
30
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-2
XRS1-0
XRAM size:
Accessible size of the XRAM
XRS
1:0
XRAM size
0
0
256 Bytes
0
1
512 Bytes
1
0
768 Bytes
1
1
1024 Bytes (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com