Electronic Components Datasheet Search
  English  ▼

X  

AT89C51AC2 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT89C51AC2
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC2 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT89C51AC2 Datasheet HTML 31Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 32Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 33Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 34Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 35Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 36Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 37Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 38Page - ATMEL Corporation AT89C51AC2 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 121 page
background image
35
A/T89C51AC2
4127G–8051–05/06
Figure 19. External Code Fetch Waveforms
Flash Memory
Architecture
A/T89C51AC2 features two on-chip Flash memories:
•
Flash memory FM0:
containing 32 KB of program memory (user space) organized into 128 byte pages,
•
Flash memory FM1:
2 KB for boot loader and Application Programming Interfaces (API).
The FM0 can be program by both parallel programming and Serial In-System-Program-
ming (ISP) whereas FM1 supports only parallel programming by programmers. The ISP
mode is detailed in the "In-System-Programming" section.
All Read/Write access operations on Flash Memory by user application are managed by
a set of API described in the "In-System-Programming" section.
Figure 20. Flash Memory Architecture
ALE
P0
P2
PSEN#
PCL
PCH
PCH
PCL
D7:0
D7:0
PCH
D7:0
CPU Clock
7FFFh
32 KB
Flash memory
FM0
0000h
Hardware Security (1 byte)
Column Latches (128 Bytes)
user space
Extra Row (128 Bytes)
2 KB
Flash memory
FM1
boot space
FFFFh
F800h
FM1 mapped between F800h and
FFFFh when bit ENBOOT is set in
AUXR1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com