Electronic Components Datasheet Search
  English  ▼

X  

UJA1069TW Datasheet(PDF) 35 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 31Page - NXP Semiconductors UJA1069TW Datasheet HTML 32Page - NXP Semiconductors UJA1069TW Datasheet HTML 33Page - NXP Semiconductors UJA1069TW Datasheet HTML 34Page - NXP Semiconductors UJA1069TW Datasheet HTML 35Page - NXP Semiconductors UJA1069TW Datasheet HTML 36Page - NXP Semiconductors UJA1069TW Datasheet HTML 37Page - NXP Semiconductors UJA1069TW Datasheet HTML 38Page - NXP Semiconductors UJA1069TW Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
35 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
See Section 6.13.1.
[2]
Not supported for the UJA1069TW/3V0 and UJA1069TW/3V3 version.
[3]
Not supported for the UJA1069TW/3V0 version.
6.12.11 General Purpose registers and General Purpose Feedback registers
The UJA1069 offers two 12-bit General Purpose registers (and accompanying General
Purpose Feedback registers) with no predefined bit definition. These registers can be
used by the microcontroller for advanced system diagnosis or for storing critical system
status information outside the microcontroller. After Power-up General Purpose register 0
will contain a ‘Device Identification Code’ consisting of the SBC type and SBC version.
This code is available until it is overwritten by the microcontroller (as indicated by the DIC
bit).
[1]
The Device Identification Control bit is cleared during power-up of the SBC, indicating that General Purpose register 0 is loaded with the
Device Identification Code. Any write access to General Purpose register 0 will set the DIC bit, regardless of the value written to DIC.
[2]
During power-up the General Purpose register 0 is loaded with a ‘Device Identification Code’ consisting of the SBC type and SBC
version, and the DIC bit is cleared.
4 and 3
V1RTHC [1:0]
V1 Reset Threshold
Control
11
V1 reset threshold = 0.9
× V
V1(nom)
10
V1 reset threshold = 0.7
× V
V1(nom)
[2]
01
V1 reset threshold = 0.8
× V
V1(nom)
[3]
00
V1 reset threshold = 0.9
× V
V1(nom)
2 to 0
-
reserved
000
reserved for future use; should remain cleared to ensure
compatibility with future functions which might use this bit
Table 12.
Special Mode register and Special Mode Feedback register bit description …continued
Bit
Symbol
Description
Value
Function
Table 13.
General Purpose register 0 and General Purpose Feedback register 0 bit description
Bit
Symbol
Description
Value
Function
15, 14
A1, A0
register address
10
read the General Purpose Feedback register 0
13
RRS
Read Register Select
1
read the General Purpose Feedback register 0
0
read the System Configuration Feedback register
12
RO
Read Only
1
read the register selected by RRS without writing to the
General Purpose register 0
0
read the register selected by RRS and write to the General
Purpose register 0
11
DIC
Device Identification
Control[1]
1
General Purpose register 0 contains user-defined bits
0
General Purpose register 0 contains the Device
Identification Code
10 to 0
GP0[10:0]
General Purpose bits[2]
1
user-defined
0
user-defined
Table 14.
General Purpose register 1 and General Purpose Feedback register 1 bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
11
select General Purpose register 1
13
RRS
Read Register Select
1
read the General Purpose Feedback register 1
0
read the Physical Layer Control Feedback register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com