Electronic Components Datasheet Search
  English  ▼

X  

UJA1069TW Datasheet(PDF) 56 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 52Page - NXP Semiconductors UJA1069TW Datasheet HTML 53Page - NXP Semiconductors UJA1069TW Datasheet HTML 54Page - NXP Semiconductors UJA1069TW Datasheet HTML 55Page - NXP Semiconductors UJA1069TW Datasheet HTML 56Page - NXP Semiconductors UJA1069TW Datasheet HTML 57Page - NXP Semiconductors UJA1069TW Datasheet HTML 58Page - NXP Semiconductors UJA1069TW Datasheet HTML 59Page - NXP Semiconductors UJA1069TW Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
56 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Products are 100 % tested at 125
°C ambient
temperature on wafer level (pretesting). Cased products are 100 % tested at 25
°C ambient temperature (final testing). Both pretesting
and final testing use correlated test conditions to cover the specified temperature and power supply voltage range.
[2]
SPI timing is guaranteed for VBAT42 voltages down to 5 V. For VBAT42 voltages down to 4.5 V the guaranteed SPI timing values double, so
at these lower voltages a lower maximum SPI communication speed must be observed.
[3]
tbit = selected bit time, depends on LSC bit; 50 µs or 96 µs (20 kbit/s or 10.4 kbit/s respectively); bus load conditions (R1/R2/C1):
1k
Ω/1 kΩ/10 nF; 1 kΩ/2 kΩ/6.8 nF; 1 kΩ/open/1 nF; see Figure 25 and Figure 26.
[4]
[5]
Interrupt output; pin INTN
tINTN
interrupt release
after SPI has read out the
Interrupt register
2-
-
µs
Oscillator
fosc
oscillator frequency
460.8
512
563.2
kHz
Table 26.
Dynamic characteristics …continued
Tvj = −40 °C to +150 °C; VBAT42 =5.5 V to52V; VBAT14 =5.5 V to27V; VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
δ1 δ3
,
t
bus rec
() min
()
2t
bit
×
-------------------------------
=
δ2 δ4
,
t
bus rec
() max
()
2t
bit
×
--------------------------------
=
Fig 24. SPI timing
001aaa405
SCS
SCK
SDI
SDO
X
X
X
MSB
LSB
MSB
LSB
tDOV
floating
floating
th
tsu
tSCKL
tSCKH
tlead
Tcyc
tlag
tSSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com