| Electronic Components Datasheet Search |
|
UJA1069TW Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UJA1069TW Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 64 page ![]() UJA1069_2 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 02 — 5 March 2007 24 of 64 NXP Semiconductors UJA1069 LIN fail-safe system basis chip 6.12 SPI interface The Serial Peripheral Interface (SPI) provides the communication link with the microcontroller, supporting multi-slave and multi-master operation. The SPI is configured for full duplex data transfer, so status information is returned when new control data is shifted in. The interface also offers a read-only access option, allowing registers to be read back by the application without changing the register content. The SPI uses four interface signals for synchronization and data transfer: • SCS - SPI chip select; active LOW • SCK - SPI clock; default level is LOW due to low-power concept • SDI - SPI data input • SDO - SPI data output; floating when pin SCS is HIGH Bit sampling is performed on the falling clock edge and data is shifted on the rising clock edge; see Figure 14. To protect against wrong or illegal SPI instructions, the SBC detects the following SPI failures: • SPI clock count failure (wrong number of clock cycles during one SPI access): only 16 clock periods are allowed within one SCS cycle. Any deviation from the 16 clock cycles results in an SPI failure interrupt, if enabled. The access is ignored by the SBC. In Start-up and Restart mode a reset is forced instead of an interrupt • Forbidden mode changes according to Figure 4 result in an immediate system reset • Illegal Mode register code. Undefined operating mode or watchdog period coding results in an immediate system reset; see Section 6.12.3 Fig 14. SPI timing protocol SCS SCK 01 sampled floating floating mce634 X X MSB 14 13 12 01 LSB MSB 14 13 12 01 LSB X SDI SDO 02 03 04 15 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |