Electronic Components Datasheet Search
  English  ▼

X  

UJA1069TW Datasheet(PDF) 47 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 43Page - NXP Semiconductors UJA1069TW Datasheet HTML 44Page - NXP Semiconductors UJA1069TW Datasheet HTML 45Page - NXP Semiconductors UJA1069TW Datasheet HTML 46Page - NXP Semiconductors UJA1069TW Datasheet HTML 47Page - NXP Semiconductors UJA1069TW Datasheet HTML 48Page - NXP Semiconductors UJA1069TW Datasheet HTML 49Page - NXP Semiconductors UJA1069TW Datasheet HTML 50Page - NXP Semiconductors UJA1069TW Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
47 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Products are 100 % tested at 125
°C ambient
temperature on wafer level (pretesting). Cased products are 100 % tested at 25
°C ambient temperature (final testing). Both pretesting
and final testing use correlated test conditions to cover the specified temperature and power supply voltage range.
[2]
VV1(nom) is 3 V, 3.3 V or 5 V, depending on the SBC version.
[3]
Not tested in production.
IRTLIN(pu)
RTLIN pull-up
current
Active mode;
VRTLIN =VLIN =0V;
t>tLIN(dom)(det)
−150
−60
−35
µA
Off-line mode;
VRTLIN =VLIN =0V;
t<tLIN(dom)(det)
−150
−60
−35
µA
ILL
LOW-level leakage
current
Off-line mode;
VRTLIN =VLIN =0V;
t>tLIN(dom)(det)
−10
0
+10
µA
TEST input; pin TEST
Vth(TEST)
input threshold
voltage
for entering Software
development mode;
Tj =25 °C
158V
for entering Forced normal
mode; Tj =25 °C
2
10
13.5
V
R(pd)TEST
pull-down resistor
between pin TEST and GND
248k
Ω
Temperature detection
Tj(warn)
high junction
temperature warning
level
160
175
190
°C
Table 25.
Static characteristics …continued
Tvj = −40 °C to +150 °C, VBAT42 = 5.5 Vto52 V;VBAT14 = 5.5 Vto27 V;VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com