Electronic Components Datasheet Search
  English  ▼

X  

UJA1069TW Datasheet(PDF) 45 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 41Page - NXP Semiconductors UJA1069TW Datasheet HTML 42Page - NXP Semiconductors UJA1069TW Datasheet HTML 43Page - NXP Semiconductors UJA1069TW Datasheet HTML 44Page - NXP Semiconductors UJA1069TW Datasheet HTML 45Page - NXP Semiconductors UJA1069TW Datasheet HTML 46Page - NXP Semiconductors UJA1069TW Datasheet HTML 47Page - NXP Semiconductors UJA1069TW Datasheet HTML 48Page - NXP Semiconductors UJA1069TW Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
45 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
Rpu(SCS)
pull-up resistor at
pin SCS
VSCS =1V; VV1 ≥ 2 V
50
130
400
k
Ω
ISDI
input leakage current
at pin SDI
VSDI = 0 V to VV1
−5-
+5
µA
Serial peripheral interface data output; pin SDO
IOH
HIGH-level output
current
VSCS =0V; VO =VV1 − 0.4 V
−50
-
−1.6
mA
IOL
LOW-level output
current
VSCS =0V; VO = 0.4 V
1.6
-
20
mA
IOL(off)
OFF-state output
leakage current
VSCS =VV1; VO = 0 V to VV1
−5-
+5
µA
Reset output with clamping detection; pin RSTN
IOH
HIGH-level output
current
VRSTN = 0.7 × VV1(nom)
−1000
-
−50
µA
IOL
LOW-level output
current
VRSTN = 0.9 V
1
-
5
mA
VOL
LOW-level output
voltage
VV1 = 1.5 V to 5.5 V;
pull-up resistor to V1
≥ 4 kΩ
0
-
0.2
× VV1
V
VIH(th)
HIGH-level input
threshold voltage
0.7
× VV1
-VV1 + 0.3
V
VIL(th)
LOW-level input
threshold voltage
−0.3
-
+0.3
× VV1 V
Enable output; pin EN
IOH
HIGH-level output
current
VOH =VV1 − 0.4 V
−20
-
−1.6
mA
IOL
LOW-level output
current
VOL = 0.4 V
1.6
-
20
mA
VOL
LOW-level output
voltage
IOL =20 µA; VV1 = 1.2 V
0
-
0.4
V
Interrupt output; pin INTN
IOL
LOW-level output
current
VOL = 0.4 V
1.6
-
15
mA
LIN transmit data input; pin TXDL
VIL
LOW level input
voltage
−0.3
-
+0.3
× VV1 V
VIH
HIGH-level input
voltage
0.7
× VV1
-VV1 + 0.3
V
RTXDL(pu)
TXDL pull-up
resistor
VTXDL = 0 V
5
12
25
k
Ω
LIN receive data output; pin RXDL
IOH
HIGH-level output
current
VRXDL =VV1 − 0.4 V
−50
-
−1.6
mA
IOL
LOW-level output
current
VRXDL = 0.4 V
1.6
-
20
mA
Table 25.
Static characteristics …continued
Tvj = −40 °C to +150 °C, VBAT42 = 5.5 Vto52 V;VBAT14 = 5.5 Vto27 V;VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com