Electronic Components Datasheet Search
  English  ▼

X  

UJA1069TW Datasheet(PDF) 26 Page - NXP Semiconductors

Part # UJA1069TW
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UJA1069TW Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button UJA1069TW Datasheet HTML 22Page - NXP Semiconductors UJA1069TW Datasheet HTML 23Page - NXP Semiconductors UJA1069TW Datasheet HTML 24Page - NXP Semiconductors UJA1069TW Datasheet HTML 25Page - NXP Semiconductors UJA1069TW Datasheet HTML 26Page - NXP Semiconductors UJA1069TW Datasheet HTML 27Page - NXP Semiconductors UJA1069TW Datasheet HTML 28Page - NXP Semiconductors UJA1069TW Datasheet HTML 29Page - NXP Semiconductors UJA1069TW Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
UJA1069_2
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2007
26 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
[1]
Flash mode can be entered only with the watchdog service sequence ‘Normal mode to Flash mode to Normal mode to Flash mode’,
while observing the watchdog trigger rules. With the last command of this sequence the SBC forces a system reset, and enters Start-up
mode to prepare the microcontroller for flash memory download. The four RSS bits in the System Status register reflect the reset source
information, confirming the Flash entry sequence. By using the Initializing Flash mode (within tWD(init) after system reset) the SBC will
now successfully enter Flash mode.
[2]
See Section 6.13.1.
Table 4.
Mode register bit description (bits 15 to 12 and 5 to 0)
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
00
select Mode register
13
RRS
Read Register
Select
1
read System Diagnosis register
0
read System Status register
12
RO
Read Only
1
read selected register without writing to Mode register
0
read selected register and write to Mode register
11 to 6
NWP[5:0]
see Table 5
5 to 3
OM[2:0]
Operating Mode
001
Normal mode
010
Standby mode
011
initialize Flash mode[1]
100
Sleep mode
101
initialize Normal mode
110
leave Flash mode
111
Flash mode [1]
2
SDM
Software
Development
Mode
1
Software development mode enabled[2]
0
normal watchdog, interrupt, reset monitoring and fail-safe
behavior
1
EN
Enable
1
EN output pin HIGH
0
EN output pin LOW
0
-
reserved
0
reserved for future use; should remain cleared to ensure
compatibility with future functions which might use this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com