Electronic Components Datasheet Search
  English  ▼

X  

A3980 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3980
Description  Automotive DMOS Microstepping Driver with Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3980 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3980 Datasheet HTML 4Page - Allegro MicroSystems A3980 Datasheet HTML 5Page - Allegro MicroSystems A3980 Datasheet HTML 6Page - Allegro MicroSystems A3980 Datasheet HTML 7Page - Allegro MicroSystems A3980 Datasheet HTML 8Page - Allegro MicroSystems A3980 Datasheet HTML 9Page - Allegro MicroSystems A3980 Datasheet HTML 10Page - Allegro MicroSystems A3980 Datasheet HTML 11Page - Allegro MicroSystems A3980 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Automotive DMOS Microstepping Driver
with Translator
A3980
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Mixed
Mixed
Slow
Slow
Mixed
Slow
Mixed
Slow
0.00
100.00
92.39
70.71
55.56
–55.56
83.15
–83.15
38.27
19.51
–19.51
–38.27
–70.71
–92.39
–100.00
0.00
100.00
92.39
70.71
55.56
–55.56
83.15
–83.15
38.27
19.51
–19.51
–38.27
–70.71
–92.39
–100.00
Phase 2
I
OUT2B
Direction = H
(%)
Phase 1
I
OUT1B
Direction = H
(%)
STEP
100.00
70.71
–70.71
–100.00
100.00
70.71
–70.71
–100.00
Phase 2
I
OUT2B
Direction = H
(%)
Phase 1
I
OUT1B
Direction = H
(%)
100.00
70.71
–70.71
–100.00
100.00
70.71
–70.71
–100.00
Phase 2
I
OUT2B
Direction = H
(%)
Phase 1
I
OUT1B
Direction = H
(%)
Figure 6. Half Step
Figure 7. Eighth Step
Figure 5. Full Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com