Electronic Components Datasheet Search
  English  ▼

X  

A3980 Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # A3980
Description  Automotive DMOS Microstepping Driver with Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3980 Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button A3980 Datasheet HTML 10Page - Allegro MicroSystems A3980 Datasheet HTML 11Page - Allegro MicroSystems A3980 Datasheet HTML 12Page - Allegro MicroSystems A3980 Datasheet HTML 13Page - Allegro MicroSystems A3980 Datasheet HTML 14Page - Allegro MicroSystems A3980 Datasheet HTML 15Page - Allegro MicroSystems A3980 Datasheet HTML 16Page - Allegro MicroSystems A3980 Datasheet HTML 17Page - Allegro MicroSystems A3980 Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Automotive DMOS Microstepping Driver
with Translator
A3980
15
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
150
125
100
75
50
25
5
4
3
2
1
0
The total dissipation for each of the four decay modes is the
average power for the current ramp and the current decay
portions of the PWM cycle.
For slow decay, the current is rising for approximately 20%
of the cycle and decaying for approximately 80%. For fast
decay, the ratio is approximately 50% for each. Note that
these are approximate figures, and they vary slightly depend-
ing on the motor characteristics and the use of synchronous
rectification.
The power dissipation, PTOT, in each decay mode can be
calculated as shown in the following formulas.
Synchronous slow decay mode:
PTOT = (0.2
× PD) + (0.8 × PSS)
PTOT = [0.2
×I2(RDSONH+RDSONL)]+[0.8×I2(2×RDSONL)]
Non-synchronous slow decay mode:
PTOT = (0.2
×PD) + (0.8 × PNS)
PTOT=[0.2
×I2(RDSONH+RDSONL)]+{0.8×[I2RDSONL+(I×VF)]}
Synchronous fast decay mode:
PTOT = (0.5
× PD ) + (0.5 × PSF)
PTOT = I2(RDSONH + RDSONL)
Non-synchronous fast decay mode:
PTOT = (0.5
× PD ) + (0.5 × PNF)
PTOT = [0.5
×I2 (RDSONH+ RDSONL)] + (0.5 × I2 × RDSONL)
An approximation of the total dissipation can be calculated
by summing the total power dissipated in both full-bridges
and adding the control circuit power due to VBB
× IBB and
VDD
× IDD. The total power at the required ambient tempera-
ture can then be compared to the allowable power dissipation,
shown in the Allowable Package Power Dissipation chart.
For critical applications, where the first order power estimate
is close to the allowable dissipation, the power calculation
should take several other parameters into account including:
motor parameters, dead time, and switching losses in the
controller.
Layout. The printed circuit board should use a heavy
ground plane. For optimum electrical and thermal perfor-
mance, the A3980 should be soldered directly onto the board.
The load supply terminal, VBB, should be decoupled with
an electrolytic capacitor (> 47 μF is recommended), placed
as close to the A3980 as possible. To avoid problems due to
capacitive coupling of the high dv/dt switching transients,
route the full-bridge output traces away from the sensitive
logic input traces. Always drive the logic inputs with a low
source impedance to increase noise immunity.
Grounding. A star ground system located close to the
A3980 is recommended. On the 28-lead TSSOP package, the
analog ground (lead 7) and the power ground (lead 21) must
be connected together externally. The copper ground plane
located under the exposed thermal pad is typically used as
the star ground point.
Allowable Package Power Dissipation
1RθJA at 28ºC/W measured on a JEDEC-standard
“High-K” 4-layer PCB.
2RθJA at 38ºC/W measured on a typical 2-sided PCB
with 3 in.2 (1935 mm2) copper ground area.
Ambient Temperature (°C)
2RθJA = 38ºC/W
1RθJA = 28ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com