Electronic Components Datasheet Search
  English  ▼

X  

A3980 Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # A3980
Description  Automotive DMOS Microstepping Driver with Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3980 Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button A3980 Datasheet HTML 10Page - Allegro MicroSystems A3980 Datasheet HTML 11Page - Allegro MicroSystems A3980 Datasheet HTML 12Page - Allegro MicroSystems A3980 Datasheet HTML 13Page - Allegro MicroSystems A3980 Datasheet HTML 14Page - Allegro MicroSystems A3980 Datasheet HTML 15Page - Allegro MicroSystems A3980 Datasheet HTML 16Page - Allegro MicroSystems A3980 Datasheet HTML 17Page - Allegro MicroSystems A3980 Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Automotive DMOS Microstepping Driver
with Translator
A3980
16
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Current Sensing. To minimize inaccuracies caused by
ground-trace IR drops in sensing the output current level,
the current-sense resistors (RS1 and RS2) should have an
independent ground return to the star ground point. This path
should be as short as possible. For low-value sense resistors,
the IR drops in the printed circuit board sense resistor traces
can be significant and should be taken into account. The use
of sockets should be avoided as they can introduce variation
in RS due to their contact resistance.
The recommended value of the sense resistor, RS (Ω), is
given by
RS = 0.5 / ITripMAX
up to a maximum of 1 Ω for I
TripMAX of 0.5 A. Below 0.5 A,
RS should be 1 Ω, and VREF reduced accordingly, as shown
in the following table.
IMAX (A)
Recommended
RS(Ω)VREF(V)
0.1
1.00
0.8
0.2
1.00
1.6
0.3
1.00
2.4
0.4
1.00
3.2
0.5
1.00
4.0
0.6
0.83
4.0
0.7
0.71
4.0
0.8
0.63
4.0
0.9
0.56
4.0
1.0
0.50
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com