Electronic Components Datasheet Search
  English  ▼

X  

A3980 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3980
Description  Automotive DMOS Microstepping Driver with Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3980 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3980 Datasheet HTML 7Page - Allegro MicroSystems A3980 Datasheet HTML 8Page - Allegro MicroSystems A3980 Datasheet HTML 9Page - Allegro MicroSystems A3980 Datasheet HTML 10Page - Allegro MicroSystems A3980 Datasheet HTML 11Page - Allegro MicroSystems A3980 Datasheet HTML 12Page - Allegro MicroSystems A3980 Datasheet HTML 13Page - Allegro MicroSystems A3980 Datasheet HTML 14Page - Allegro MicroSystems A3980 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Automotive DMOS Microstepping Driver
with Translator
A3980
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
as shown in table 3. In all other modes, VREF should not be
allowed to exceed 4 V, because the peak sense value can
reach VREF ⁄ 8, or 100%.
Fixed Off-Time. The internal PWM current control
circuitry uses a one-shot circuit to control the duration of
time that the DMOS FETs remain off. The one shot off-time,
tOFF, is determined for each of the two phases by the combi-
nation of an external resistor (RT) and a capacitor (CT). One
combination is connected from the timing terminal RC1 to
ground, and the other similarly connected to RC2 . tOFF (ns)
is approximated by
tOFF = RT
× CT
over a range of values from CT= 470 pF to 1500 pF and from
RT = 12 kΩ to 100 kΩ.
RC Blanking. In addition to the fixed off-time of the
PWM control circuit, the CT component sets the comparator
blanking time. This function blanks the output of the current
sense comparators when the outputs are switched by the
internal current control circuitry. The comparator outputs are
blanked to prevent false overcurrent detection due to reverse
recovery currents of the clamp diodes, and switching tran-
sients related to the capacitance of the load. The blank time,
tBLANK (ns), can be approximated by
tBLANK = 1400
× CT
where CT is the value of the capacitor CT (nF).
The blank time should be as short as possible, without caus-
ing a false fault detection, to ensure that power dissipation
during a fault condition is minimized. The blank time also
defines the minimum duration of time that the full-bridge
DMOS outputs cause the load current to rise. To ensure
correct detection of motor faults, the minimum on-time is
extended by an additional fault sampling time, tSCT. The
minimum on-time, tMINON is then
tMINON = tBLANK + tSCT
Charge Pump (CP1 and CP2). The charge pump is
used to generate a gate supply greater than that of VBB for
driving the source-side DMOS gates. A 100 nF ceramic
capacitor (CCP), capable of withstanding the battery volt-
age VBATT, should be connected between CP1 and CP2.
In addition, a 100 nF ceramic capacitor (CCS)is required
between VCP and VBB, to act as a reservoir for operating
the high-side DMOS devices. The voltage on CCS is limited to
the charge pump voltage, which is always less than 10 V.
VREG (VREG). This internally-generated voltage is used
to operate the sink-side DMOS FETs. The VREG terminal
must be decoupled with a 220 nF (10V) capacitor to ground.
VREG is internally monitored. In the case of a fault condi-
tion, the DMOS outputs of the A3980 are disabled.
Enable Input (ENABLE). This input simply turns off all
of the DMOS outputs. When set to a logic high, the outputs
are disabled. When set to a logic low, the internal control
enables the outputs as required. The translator inputs (STEP,
DIR, MS1, and MS2), as well as the internal sequencing
logic, all remain active, independent of the ENABLE input
state.
Sleep Mode (SLEEP). To minimize power consumption
when the motor is not in use, this input disables much of the
internal circuitry including the output DMOS FETs, voltage
regulator, and charge pump. A logic low on the SLEEP ter-
minal puts the A3980 into Sleep mode. A logic high allows
normal operation, as well as start-up (at which time the
A3980 drives the motor to the Home microstep position).
Percent Fast Decay Input (PFD). When a STEP input
signal commands an output current level that is lower than
that of the previous step, it switches the output current decay
to slow, fast, or mixed decay mode, depending on the voltage
level at the PFD input, as shown in the following table.
Lower PFD Input
Voltage Level
Decay Mode
VPFD >(0.6
× VDD)
Slow
(0.21
× VDD ) ≤ VPFD≤ (0.6 × VDD)
Mixed
VPFD < (0.21
× VDD)
Fast
Mixed Decay Operation. Depending on the step
sequence, if the voltage on the PFD pin is between
0.6
× VDD and 0.21 × VDD, the full-bridge can operate in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com