Electronic Components Datasheet Search
  English  ▼

X  

A3980 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A3980
Description  Automotive DMOS Microstepping Driver with Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3980 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A3980 Datasheet HTML 8Page - Allegro MicroSystems A3980 Datasheet HTML 9Page - Allegro MicroSystems A3980 Datasheet HTML 10Page - Allegro MicroSystems A3980 Datasheet HTML 11Page - Allegro MicroSystems A3980 Datasheet HTML 12Page - Allegro MicroSystems A3980 Datasheet HTML 13Page - Allegro MicroSystems A3980 Datasheet HTML 14Page - Allegro MicroSystems A3980 Datasheet HTML 15Page - Allegro MicroSystems A3980 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Automotive DMOS Microstepping Driver
with Translator
A3980
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
mixed decay mode, as shown in figures 5 through 8. As the
trip point is reached, the A3980 goes into fast decay mode
until the voltage on the RC pin decays to the same level as the
voltage applied to the PFD pin. The duration of time that the
bridge operates in fast decay mode, tFD (ns), is estimated by
tFD = RT
× CT× ln[0.6 (VDD ⁄ VPFD)]
over a range of values from CT= 470 pF to 1500 pF and from
RT = 12 kΩ to 100 kΩ.
After this fast decay period, the A3980 switches to slow
decay mode for the remainder of the fixed off-time period.
Synchronous Rectification. When a PWM-off cycle
is triggered by an internal fixed-off-time cycle, load current
recirculates according to the decay mode selected by the
control logic. The synchronous rectification feature turns on
the appropriate FETs during current decay, and effectively
shorts out the body diodes with the low DMOS RDSON. This
reduces power dissipation significantly, and eliminates the
need for external Schottky diodes. Synchronous rectification
has two modes: Active mode and Disabled mode (described
below).
Active Mode. When the input on the SR terminal is set
at logic low, Active mode is enabled. This mode allows
synchronous rectification to occur, but when a zero current
level is detected, it also prevents reversal of the load current
by turning off synchronous rectification. This prevents the
motor winding from conducting in the reverse direction.
Disabled Mode. When the input on the SR terminal is set
at logic high, Disabled mode takes effect. This mode disables
synchronous rectification. This mode is typically used when
external diodes are required to transfer power dissipation
from the A3980 package to the external diodes.
Shutdown. In the event of an overtemperature fault or
an undervoltage fault on VREG, the DMOS outputs of the
A3980 are disabled until the fault condition is removed. In
the case of an overvoltage fault, the sink DMOS FETs are
switched on, and the source FETs off. At power-up, and in
the event of low VDD, the UVLO circuit disables the DMOS
outputs until VDD reaches the minimum level. Once VDD is
above the minimum level, the translator resets to the Home
state and the DMOS outputs are re-enabled.
Thermal Protection. All drivers are turned off when the
junction temperature reaches the thermal shutdown value,
typically 170
°C. This is intended only to protect the A3980
from failures due to excessive junction temperatures. Ther-
mal protection will not protect the A3980 from continuous
short circuits, and additional fault diagnostics are integrated for
this purpose. Thermal shutdown has a hysteresis of approxi-
mately 15
°C.
Diagnostic Features. The A3980 includes monitor
circuits that can detect shorts to VBB, shorts to ground, and
shorted or open circuit load. Short circuits are detected by
monitoring the voltage across the driving DMOS FETs and
the open load is detected by monitoring the phase current
when the motor is in the Home microstep position. All fault
detection takes place following a delay after the blank time.
Short to VBB. A short from any of the motor connections
to the battery or VBB connection is detected by monitoring
the voltage across the bottom FETs in each full-bridge. When
the FET is on, the voltage should be no greater than the
VDSLT value defined in the Electrical Characteristics table.
Short to Ground. A short from any of the motor connec-
tions to ground is detected by monitoring the voltage across
the top FETs in each full-bridge. When the FET is turned
on, the voltage should be no greater than the VDSHT value
defined in the Electrical Characteristics table.
Shorted Load. A short across the load is detected by
monitoring the voltage across both the top and bottom FETs
in each full-bridge.
Short Fault Operation. Because motor capacitance may
cause the measured voltages to show a fault as the full-bridge
switches, voltages are not sampled until after the blank
time plus an internally-generated delay, tSCT. Once a short
circuit has been detected, all outputs for the faulty phase are
disabled until the next step command. At the next step com-
mand, the outputs are re-enabled and the voltage across the
FET is resampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com