Electronic Components Datasheet Search
  English  ▼

X  

BK2535 Datasheet(PDF) 69 Page - Beken Corporation

Part # BK2535
Description  FLIP51 MCURF
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK2535 Datasheet(HTML) 69 Page - Beken Corporation

Back Button BK2535 Datasheet HTML 65Page - Beken Corporation BK2535 Datasheet HTML 66Page - Beken Corporation BK2535 Datasheet HTML 67Page - Beken Corporation BK2535 Datasheet HTML 68Page - Beken Corporation BK2535 Datasheet HTML 69Page - Beken Corporation BK2535 Datasheet HTML 70Page - Beken Corporation BK2535 Datasheet HTML 71Page - Beken Corporation BK2535 Datasheet HTML 72Page - Beken Corporation BK2535 Datasheet HTML 73Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 133 page
background image
BK2535 datasheet
© 2015 Beken Corporation
Proprietary and Confidential
Page 69 of 133
Note: If an error occurs during the reception, FSM will stay into “SEND STOP”
state until MSTAT0 register had been read by the CPU. This read operation will
clear the STA bit of MCON register and MSTAT0 register. Since MSTAT0
register and MCON register had been reinitialized, the FSM is released into
“IDLE” state.
Note: Due to the size of the receive buffer (1 byte), the first received data byte
is also the last data byte. So, only one byte can be read from slave in one I2C
process.
6.5.1.10.
Data Handling
The Data Bytes exchanged on the I2C line are available in MRXBUF (received
data) and MTXBUF (transmitted data) registers.
It is up to the user of the FlipI2CM to read/write data byte exchanged on the I2C
line when they are available. This can be handled by software routine thanks to
the status flags.
6.5.1.11.
Software Reset
The software reset is activated by CPU setting bit SRST of control register
(MCON). The software reset is used to stop current access on I2C bus.
Software reset initializes MCON, MSTAT0 registers and also TXRX controller.
If a software reset occurs during an I2C access, the master controller finishes the
transmit or reception of current data byte, it send a Stop condition (in case of
reception, send a ”not acknowledge" first) and next, MCON and MSTAT0
registers and TXRX controller are cleared.
At the end of software reset process, the master controller is ready to restart a
new or the same access. For same access, the CPU must refill TXBUF (for
transmission only) and set STA (MCADDR register is not affected by software
reset).
6.5.2.
I2C slave
6.5.2.1. Overview
This I2C Slave controller handles all functions necessary to respond to a request
from an I2C master controller.
Main features
Support fast and standard transfer rates.
7-bit addressing on I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com