Electronic Components Datasheet Search
  English  ▼

X  

BK2535 Datasheet(PDF) 29 Page - Beken Corporation

Part # BK2535
Description  FLIP51 MCURF
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK2535 Datasheet(HTML) 29 Page - Beken Corporation

Back Button BK2535 Datasheet HTML 25Page - Beken Corporation BK2535 Datasheet HTML 26Page - Beken Corporation BK2535 Datasheet HTML 27Page - Beken Corporation BK2535 Datasheet HTML 28Page - Beken Corporation BK2535 Datasheet HTML 29Page - Beken Corporation BK2535 Datasheet HTML 30Page - Beken Corporation BK2535 Datasheet HTML 31Page - Beken Corporation BK2535 Datasheet HTML 32Page - Beken Corporation BK2535 Datasheet HTML 33Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 133 page
background image
BK2535 datasheet
© 2015 Beken Corporation
Proprietary and Confidential
Page 29 of 133
OSC32k_sel: System will select OSC32k (divided by OSC16M) clock when write 1
to this position. Interrupts and software can clear it. In this state, the system clock
changed to 32K OSC clock, so the power consumption will decrease evidently.
Please note that OSC32k clock is more accurate than RC 32k clock, but need
more power consumption.
IDLE: When set by software, system enter stop mode, and it can only be wake
up by enabled interrupt.(Clear it to 0 by hardware). In this state, the most of
clocks are shut down for power saving.
Note: set RC32k_sel and IDLE bit simultaneously can get the lowest power
consumption, and in this state, all the register settings are retained.
5.3.2.
Work State
5.3.2.1. Active Mode
Normally, the FLIP51 fetch the instruction from the program space and execute it
step by step at the selected clock source, we call the state as active mode.
5.3.2.2. Idle Mode
An instruction that sets the IDLE bit (PCON2.0) causes the FLIP51 to enter idle
mode when that instruction completes. In idle mode, CPU processing is
suspended; internal registers maintain their current data. However, unlike the
standard 8051, the clock is not disabled internally.
Activation of any enabled interrupt causes the hardware to clear the IDLE bit and
terminate idle mode.
In idle mode, the power consumption is decreased evidently.
5.3.2.3. Sleep Mode
An instruction that sets the IDLE bit (PCON2.0) causes the FLIP51 to enter idle
mode when that instruction completes. Also, you can decrease the power
consumption to a lower level thanks for the register PCON2.1. When setting the
register, the system clock changed from 16MHz to RC32KHz. We define this
state as sleep mode.
After reset, the system will enter normal mode running at 16MHz immediately.
Note: You should always clear PCON2.6 to 0 to save current when USB module
doesn’t need work at any time.
As showed above, the IDLE bit decide CPU run or not, the PCON2.1 bit decide
the system clock source. (16MHz or RC32KHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com