Electronic Components Datasheet Search
  English  ▼

X  

BK2535 Datasheet(PDF) 39 Page - Beken Corporation

Part # BK2535
Description  FLIP51 MCURF
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK2535 Datasheet(HTML) 39 Page - Beken Corporation

Back Button BK2535 Datasheet HTML 35Page - Beken Corporation BK2535 Datasheet HTML 36Page - Beken Corporation BK2535 Datasheet HTML 37Page - Beken Corporation BK2535 Datasheet HTML 38Page - Beken Corporation BK2535 Datasheet HTML 39Page - Beken Corporation BK2535 Datasheet HTML 40Page - Beken Corporation BK2535 Datasheet HTML 41Page - Beken Corporation BK2535 Datasheet HTML 42Page - Beken Corporation BK2535 Datasheet HTML 43Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
BK2535 datasheet
© 2015 Beken Corporation
Proprietary and Confidential
Page 39 of 133
interrupts are individually enabled or disabled by bits in IE. If EA is clear, all
interrupts are disabled.
IE--Address: 0XA8
BIT
7
6
5
4
3
2
1
0
FIELD
EA
--
ET2
ES
ET1
EX1
ET0
EX0
RESET
0x00
Bit
Number
Bit
Mnemonic
Function
7
EA
Global Interrupt Enable
Clear to globally disable all Interrupt sources. Set to 1 to allow Individual interrupts to
be enabled
by their enable bits
6
--
Not used
5
ET2
Timer2 Interrupt Enable
Set to enable Timer2 Interrupt. Cleared to disable Timer2 Interrupt
4
ES
Serial Port Interrupt Enable
Set to enable Serial Port Interrupt. Cleared to disable Serial Port Interrupt
3
ET1
Timer1 Interrupt Enable
Set to enable Timer1 Interrupt. Cleared to disable Timer1 Interrupt
2
EX1
External Interrupt 1 enable
Set to enable External Interrupt 1. Cleared to disable External Interrupt 1.
1
ET0
Timer0 Interrupt Enable
Set to enable Timer0 Interrupt. Cleared to disable Timer0 Interrupt
0
EX0
External Interrupt 0 enable
Set to enable External Interrupt 0. Cleared to disable External Interrupt 0.
Table 19
Interrupt Enable register (IE)
AIE--Address: 0XE8
BIT
7
6
5
4
3
2
1
0
FIELD
AIE7
AIE6
AIE5
AIE4
AIE3
AIE2
AIE1
AIE0
RESET
0x00
Bit
Number
Bit
Mnemonic
Function
7:0
AIE
Additional interrupt Enable
Set to enable respective Additional Interrupt. Cleared to
disable respective Additional interrupt.
Table 20
Additional Interrupt Enable register (AIE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com