Electronic Components Datasheet Search
  English  ▼

X  

BK2535 Datasheet(PDF) 9 Page - Beken Corporation

Part # BK2535
Description  FLIP51 MCURF
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK2535 Datasheet(HTML) 9 Page - Beken Corporation

Back Button BK2535 Datasheet HTML 5Page - Beken Corporation BK2535 Datasheet HTML 6Page - Beken Corporation BK2535 Datasheet HTML 7Page - Beken Corporation BK2535 Datasheet HTML 8Page - Beken Corporation BK2535 Datasheet HTML 9Page - Beken Corporation BK2535 Datasheet HTML 10Page - Beken Corporation BK2535 Datasheet HTML 11Page - Beken Corporation BK2535 Datasheet HTML 12Page - Beken Corporation BK2535 Datasheet HTML 13Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
BK2535 datasheet
© 2015 Beken Corporation
Proprietary and Confidential
Page 9 of 133
1.
Introduction
The BK2535 is a RF SOC chip, which combine a 2.4 GHz radio, a fast 8051
compatible CPU named FILE51, essential peripherals, and on-air compatibility
with the other product series from BEKEN. The BK2535 is a perfect fit for HID
applications, RF tags and remote controlled products.
2.
Feature
1.8 V to 3.6 V power supply
FLIP51 MCU compatible with 8051
A 4-stage pipeline architecture that enables to execute most of the
instructions in a single clock cycle.
32k bytes FLASH for program
256 Bytes IRAM and 2k Bytes SRAM
Embedded three Timer/Counter
Support UART I2C SPI interface
Support AES encryption
A pseudo random number generator embedded
Total 40 GPIO available
The dedicated 2 PWM available and 6 PCA can be used as PWM
The embedded BIRD (Built-In Real-time Debugger) system for online debug
8 channel ADC embedded
Booster embedded
Integrated 2.4G RF transceiver
low power consumption, embedded with 32k RC oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com