Electronic Components Datasheet Search
  English  ▼

X  

BK2535 Datasheet(PDF) 49 Page - Beken Corporation

Part # BK2535
Description  FLIP51 MCURF
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK2535 Datasheet(HTML) 49 Page - Beken Corporation

Back Button BK2535 Datasheet HTML 45Page - Beken Corporation BK2535 Datasheet HTML 46Page - Beken Corporation BK2535 Datasheet HTML 47Page - Beken Corporation BK2535 Datasheet HTML 48Page - Beken Corporation BK2535 Datasheet HTML 49Page - Beken Corporation BK2535 Datasheet HTML 50Page - Beken Corporation BK2535 Datasheet HTML 51Page - Beken Corporation BK2535 Datasheet HTML 52Page - Beken Corporation BK2535 Datasheet HTML 53Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 133 page
background image
BK2535 datasheet
© 2015 Beken Corporation
Proprietary and Confidential
Page 49 of 133
will be set to 1 automatically.
Table 27 ADC register0
ADDR
adc_dataL[7:0]
0x0920
adc_data low 8 bits
Table 28 ADC register1
ADDR
[7]
[6:4]
[3:0]
0x092
1
adc_setting
pre_divid[2:0
]
adc_dataH
adc_setting: the setting time for ADC after power on, 1:40us。 0:
20us
pre_divid[2:0]: clock divider (the number should be fixed as 0x01)
adc_dataH:the higher 4 bits for adc_dat.
high resolution mode:{adc_dataH[3:0],adc_dataL[7:0]},
normal mode:
{adc_dataH[1:0],adc_dataL[7:0]}.
Table 29 ADC register2
ADDR
adc_rate
0x0923
adc_rate low 8 bits
Table 30 ADC register3
ADDR
[7]
[6:5]
[4:0]
0x092
4
High_res_mod
e
adc_dly[1:0]
adc_rate[12:8]
High_res_mode: 12 bits mode or 10 bits mode
adc_dly: the valid sample for the first conversion. please set as 2 or 3
for this register.
adc_rate: the high 5 bits for adc_rate
Table 31 ADC register4
6.3.3.
Sample rate:
Given an ADC sample rate, you can calculate the adc_rate value as below:
ADC sample = system_clk/(( pre_divid+1)*( adc_rate+1))
ADC sample = system_clk/(( pre_divid+1)*( adc_rate+1))/4 High_res_mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com