Electronic Components Datasheet Search
  English  ▼

X  

BK2535 Datasheet(PDF) 44 Page - Beken Corporation

Part # BK2535
Description  FLIP51 MCURF
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK2535 Datasheet(HTML) 44 Page - Beken Corporation

Back Button BK2535 Datasheet HTML 40Page - Beken Corporation BK2535 Datasheet HTML 41Page - Beken Corporation BK2535 Datasheet HTML 42Page - Beken Corporation BK2535 Datasheet HTML 43Page - Beken Corporation BK2535 Datasheet HTML 44Page - Beken Corporation BK2535 Datasheet HTML 45Page - Beken Corporation BK2535 Datasheet HTML 46Page - Beken Corporation BK2535 Datasheet HTML 47Page - Beken Corporation BK2535 Datasheet HTML 48Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 133 page
background image
BK2535 datasheet
© 2015 Beken Corporation
Proprietary and Confidential
Page 44 of 133
Figure 10
Serial Transmit Mode 1
Reception
To receive data, set the SCON.REN bit and clear the SCON.RI, this will enable
the receive function. When received the data value can be read from the SBUF
special function register.
Figure 11
Serial receive Mode 1
6.2.2.3. Mode 2 (asynchronous mode, full duplex)
In Mode 1, data is transmitted through serial out signal and received through
serial in
signal. The data is composed of 11 bits: 1 start bit, 8 data bits, 1 TB8 bit
(in SCON) and the stop bit. The extra TB8 bit is for use in a multiprocessor
communication environment. When multiprocessor communication support is not
needed, this bit can also be used as a parity bit. The data transfer rate in Mode 2
is fixed as clock/32 or clock/64. Timer 1 and Timer 2 are independent of the Baud
Rate generation and can be used for other purposes. To select the mode 2, set
SCON.SM0 and clear SCON.SM1.
Transmission
To send out data, clear the SCON.REN bit and write the data into the SBUF
special function register. The data will then be shifted out (LSB first, MSB last), at
the serial out pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com