Electronic Components Datasheet Search
  English  ▼

X  

OPA990-Q1 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA990-Q1
Description  OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA990-Q1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA990-Q1 Datasheet HTML 24Page - Texas Instruments OPA990-Q1 Datasheet HTML 25Page - Texas Instruments OPA990-Q1 Datasheet HTML 26Page - Texas Instruments OPA990-Q1 Datasheet HTML 27Page - Texas Instruments OPA990-Q1 Datasheet HTML 28Page - Texas Instruments OPA990-Q1 Datasheet HTML 29Page - Texas Instruments OPA990-Q1 Datasheet HTML 30Page - Texas Instruments OPA990-Q1 Datasheet HTML 31Page - Texas Instruments OPA990-Q1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
8.2.1.2 Detailed Design Procedure
The transfer function of the circuit in Figure 8-1 is given in Equation 1.
VOUT =ILOAD× RSHUNT×Gain
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set
from 0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is
defined using Equation 2.
RSHUNT =VSHUNT_MAX 
ILOAD_MAX  = 100 mV1 A = 100 mΩ
(2)
Using Equation 2, RSHUNT is calculated to be 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is
amplified by the OPA990-Q1 to produce an output voltage of 0 V to 4.9 V. The gain needed by the OPA990-Q1
to produce the necessary output voltage is calculated using Equation 3.
Gain = VOUT_MAX − VOUT_MIN
VIN_MAX − VIN_MIN
(3)
Using Equation 3, the required gain is calculated to be 49 V/V, which is set with resistors RF and RG. Equation 4
is used to size the resistors, RF and RG, to set the gain of the OPA990-Q1 to 49 V/V.
Gain = 1 + RFRG
(4)
Choosing RF as 360 kΩ, RG is calculated to be 7.5 kΩ. RF and RG were chosen as 360 kΩ and 7.5 kΩ because
they are standard value resistors that create a 49:1 ratio. Other resistors that create a 49:1 ratio can also be
used. Figure 8-2 shows the measured transfer function of the circuit shown in Figure 8-1.
8.2.1.3 Application Curve
ILOAD (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
Figure 8-2. Low-Side, Current-Sense, Transfer Function
8.2.2 Slew Rate Limit for Input Protection
In control systems for valves or motors, abrupt changes in voltages or currents can cause mechanical damages.
By controlling the slew rate of the command voltages into the drive circuits, the load voltages ramps up and
down at a safe rate. For symmetrical slew-rate applications (positive slew rate equals negative slew rate), one
additional op amp provides slew-rate control for a given analog gain stage. The unique input protection and
high output current and slew rate of the OPAx990-Q1 make the device an optimal amplifier to achieve slew rate
control for both dual- and single-supply systems. Figure 8-3 shows the OPA990-Q1 in a slew-rate limit design.
OPA4990-Q1
SBOSAH7 – OCTOBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA4990-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com