Electronic Components Datasheet Search
  English  ▼

X  

OPA990-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA990-Q1
Description  OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA990-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA990-Q1 Datasheet HTML 1Page - Texas Instruments OPA990-Q1 Datasheet HTML 2Page - Texas Instruments OPA990-Q1 Datasheet HTML 3Page - Texas Instruments OPA990-Q1 Datasheet HTML 4Page - Texas Instruments OPA990-Q1 Datasheet HTML 5Page - Texas Instruments OPA990-Q1 Datasheet HTML 6Page - Texas Instruments OPA990-Q1 Datasheet HTML 7Page - Texas Instruments OPA990-Q1 Datasheet HTML 8Page - Texas Instruments OPA990-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low
Power Op Amp
1 Features
• Low offset voltage: ±300 µV
• Low offset voltage drift: ±0.6 µV/°C
• Low noise: 30 nV/√Hz at 1 kHz
• High common-mode rejection: 115 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• MUX-friendly comparator inputs:
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 1.1-MHz GBW
• High slew rate: 4.5 V/µs
• Low quiescent current: 120 µA per amplifier
• Wide supply: ±1.35 V to ±20 V, 2.7 V to 40 V
• Robust EMIRR performance: 78 dB at 1.8 GHz
• Differential and common-mode input voltage range
to supply rail
2 Applications
• Optimized for AEC-Q100 grade 1 applications
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• HEV/EV battery-management system (BMS)
• Body electronics and lighting
• Infotainment and cluster
• Passive safety
• Powertrain current sensor
• High-side current sensing
3 Description
The OPAx990-Q1 family (OPA990-Q1, OPA2990-Q1,
and OPA4990-Q1) is a family of high voltage (40 V)
general purpose operational amplifiers. These devices
offer excellent DC precision and AC performance,
including rail-to-rail input or output, low offset (±300
µV, typ), and low offset drift (±0.6 µV/°C, typ).
Unique features such as differential and common-
mode input voltage range to the supply rail, high
short-circuit current (±80 mA), and high slew rate (4.5
V/µs) make the OPAx990-Q1 an extremely flexible,
robust, and high-performance op amp for high-voltage
automotive applications.
The OPAx990-Q1 family of op amps is available in
several standard packages (such as, SOT-23, SOIC,
and TSSOP) and is specified from –40°C to 125°C.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
BODY SIZE (NOM)(3)
OPA990-Q1
Single
DBV (SOT-23, 5)(2)
2.9 mm × 1.6 mm
DCK (SC70, 5)(2)
2 mm × 1.25 mm
OPA2990-Q1
Dual
D (SOIC, 8)(2)
4.9 mm × 3.9 mm
DGK (VSSOP, 8)(2)
3 mm × 3 mm
OPA4990-Q1
Quad
D (SOIC, 14)(2)
8.65 mm × 3.9 mm
PW (TSSOP, 14)(2)
5 mm × 4.4 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
This package is preview only.
(3)
The body size (length × width) is a nominal value and does
not include pins.
ADS8860
REF
VINP
VINM
MUX509
+
+
+
Antialiasing
Filter
Gain Network
Gain Network
Gain Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA375
RC Filter
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA990-Q1
OPA990-Q1
OPA990-Q1
OPAx990-Q1 in a High-Voltage, Multiplexed, Data-Acquisition System
OPA4990-Q1
SBOSAH7 – OCTOBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - OPA990-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA990-Q1 TI1-OPA990-Q1 Datasheet
2Mb / 39P
OPAx990-Q1 Automotive 40V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
FEBRUARY 2024
More results

Similar Description - OPA990-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA990 TI1-OPA990_V01 Datasheet
2Mb / 59P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V02 Datasheet
3Mb / 64P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V03 Datasheet
4Mb / 71P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V04 Datasheet
5Mb / 74P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V05 Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V06 Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V07 Datasheet
5Mb / 81P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V08 Datasheet
5Mb / 83P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
REVISED AUGUST 2021
OPA992-Q1 TI-OPA992-Q1_V08 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA991-Q1 TI-OPA991-Q1_V05 Datasheet
3Mb / 54P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com