Electronic Components Datasheet Search
  English  ▼

X  

OPA990-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA990-Q1
Description  OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA990-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA990-Q1 Datasheet HTML 12Page - Texas Instruments OPA990-Q1 Datasheet HTML 13Page - Texas Instruments OPA990-Q1 Datasheet HTML 14Page - Texas Instruments OPA990-Q1 Datasheet HTML 15Page - Texas Instruments OPA990-Q1 Datasheet HTML 16Page - Texas Instruments OPA990-Q1 Datasheet HTML 17Page - Texas Instruments OPA990-Q1 Datasheet HTML 18Page - Texas Instruments OPA990-Q1 Datasheet HTML 19Page - Texas Instruments OPA990-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Time (500ns/div)
C018
Input
Output
G = –10
Figure 6-37. Positive Overload Recovery
Time (500ns/div)
C018
Input
Output
G = –10
Figure 6-38. Negative Overload Recovery
Time (2Ps/div)
C010
Input
Output
CL = 20 pF, G = 1, 20-mV step response
Figure 6-39. Small-Signal Step Response
Time (1µs/div)
C011
Input
Output
CL = 20 pF, G = –1, 20-mV step response
Figure 6-40. Small-Signal Step Response
Time (1µs/div)
C005
Input
Output
CL = 20 pF, G = 1
Figure 6-41. Large-Signal Step Response (Falling)
Time (1µs/div)
C005
Input
Output
CL = 20 pF, G = 1
Figure 6-42. Large-Signal Step Response (Rising)
OPA4990-Q1
SBOSAH7 – OCTOBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA4990-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com