Electronic Components Datasheet Search
  English  ▼

X  

OPA990-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA990-Q1
Description  OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA990-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA990-Q1 Datasheet HTML 10Page - Texas Instruments OPA990-Q1 Datasheet HTML 11Page - Texas Instruments OPA990-Q1 Datasheet HTML 12Page - Texas Instruments OPA990-Q1 Datasheet HTML 13Page - Texas Instruments OPA990-Q1 Datasheet HTML 14Page - Texas Instruments OPA990-Q1 Datasheet HTML 15Page - Texas Instruments OPA990-Q1 Datasheet HTML 16Page - Texas Instruments OPA990-Q1 Datasheet HTML 17Page - Texas Instruments OPA990-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
85
90
95
100
105
110
115
120
125
130
D021
VCM = V–
Figure 6-25. Quiescent Current vs Supply Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
102.5
105
107.5
110
112.5
115
117.5
120
122.5
125
127.5
D022
Figure 6-26. Quiescent Current vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
124
126
128
130
132
134
136
138
140
142
144
146
D023
VS = 40 V
VS = 4 V
Figure 6-27. Open-Loop Voltage Gain vs Temperature (dB)
Frequency (Hz)
120
180
240
300
360
420
480
540
600
660
720
780
100
1k
10k
100k
1M
10M
C013
Figure 6-28. Open-Loop Output Impedance vs Frequency
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
0
20
40
60
80
100
120
140
160
180
200
D026
RL = 2 kΩ
Figure 6-29. Output Swing vs Supply Voltage, Positive Swing
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
-220
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
D026
RL = 2 kΩ
Figure 6-30. Output Swing vs Supply Voltage, Negative Swing
OPA4990-Q1
SBOSAH7 – OCTOBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA4990-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com