Electronic Components Datasheet Search
  English  ▼

X  

OPA990-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA990-Q1
Description  OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA990-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA990-Q1 Datasheet HTML 8Page - Texas Instruments OPA990-Q1 Datasheet HTML 9Page - Texas Instruments OPA990-Q1 Datasheet HTML 10Page - Texas Instruments OPA990-Q1 Datasheet HTML 11Page - Texas Instruments OPA990-Q1 Datasheet HTML 12Page - Texas Instruments OPA990-Q1 Datasheet HTML 13Page - Texas Instruments OPA990-Q1 Datasheet HTML 14Page - Texas Instruments OPA990-Q1 Datasheet HTML 15Page - Texas Instruments OPA990-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-40
0
40
80
120
160
200
240
280
320
D011
IB
IB+
IOS
Figure 6-13. Input Bias Current vs Temperature
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V+
V+
1 V
V+
2 V
V+
3 V
V+
4 V
V+
5 V
V+
6 V
V+
7 V
V+
8 V
V+
9 V
V+
10 V
D012
-40°C
25°C
85°C
125°C
Figure 6-14. Output Voltage Swing vs Output Current (Sourcing)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V
V + 1 V
V + 2 V
V + 3 V
V + 4 V
V + 5 V
V + 6 V
V + 7 V
V + 8 V
V + 9 V
V + 10 V
D012
-40°C
25°C
85°C
125°C
Figure 6-15. Output Voltage Swing vs Output Current (Sinking)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40qC
25qC
85qC
125qC
D013
VS = 5 V
Figure 6-16. Output Voltage Swing vs Output Current (Sourcing)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40qC
25qC
85qC
125qC
D013
VS = 5 V
Figure 6-17. Output Voltage Swing vs Output Current (Sinking)
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
100
1k
10k
100k
1M
10M
C003
PSRR+
PSRR-
CMRR
Figure 6-18. CMRR and PSRR vs Frequency
OPA4990-Q1
SBOSAH7 – OCTOBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA4990-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com