Electronic Components Datasheet Search
  English  ▼

X  

OPA990-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA990-Q1
Description  OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA990-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA990-Q1 Datasheet HTML 7Page - Texas Instruments OPA990-Q1 Datasheet HTML 8Page - Texas Instruments OPA990-Q1 Datasheet HTML 9Page - Texas Instruments OPA990-Q1 Datasheet HTML 10Page - Texas Instruments OPA990-Q1 Datasheet HTML 11Page - Texas Instruments OPA990-Q1 Datasheet HTML 12Page - Texas Instruments OPA990-Q1 Datasheet HTML 13Page - Texas Instruments OPA990-Q1 Datasheet HTML 14Page - Texas Instruments OPA990-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Common Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
D006
TA = 125°C
Each color represents one sample device.
Figure 6-7. Offset Voltage vs Common-Mode Voltage
Common Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-1200
-1000
-800
-600
-400
-200
0
200
400
600
800
D007
TA = –40°C
Each color represents one sample device.
Figure 6-8. Offset Voltage vs Common-Mode Voltage
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
44
-750
-600
-450
-300
-150
0
150
300
450
600
750
D008
VCM = V–
Each color represents one sample device.
Figure 6-9. Offset Voltage vs Power Supply
Frequency (Hz)
-20
0
0
25
20
50
40
75
60
100
80
125
100
150
100
1k
10k
100k
1M
C002
Gain
Phase
CL = 20 pF
Figure 6-10. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-30
-20
-10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
C001
G = 1
G = -1
G = 10
G = 100
G = 1000
Figure 6-11. Closed-Loop Gain vs Frequency
Common Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D010
IB
IB+
IOS
Figure 6-12. Input Bias Current vs Common-Mode Voltage
www.ti.com
OPA4990-Q1
SBOSAH7 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA4990-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com